Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1568D Datasheet(PDF) 5 Page - ON Semiconductor

Part # AN1568D
Description  Interfacing Between LVDS and ECL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AN1568D Datasheet(HTML) 5 Page - ON Semiconductor

  AN1568D Datasheet HTML 1Page - ON Semiconductor AN1568D Datasheet HTML 2Page - ON Semiconductor AN1568D Datasheet HTML 3Page - ON Semiconductor AN1568D Datasheet HTML 4Page - ON Semiconductor AN1568D Datasheet HTML 5Page - ON Semiconductor AN1568D Datasheet HTML 6Page - ON Semiconductor AN1568D Datasheet HTML 7Page - ON Semiconductor AN1568D Datasheet HTML 8Page - ON Semiconductor AN1568D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN1568/D
http://onsemi.com
5
termination should be used and placed as close as possible
to the coupling capacitors. (Figure 7)
Figure 7. Capacitive Coupling ECL to LVDS Using
VOS Reference Voltage
Z = 50
W
Z = 50
W
ECL
1 k
W
1 k
W
100 k
W
VOS=
1.2 V
10 pF
10 pF
3.3 V
50
W
50
W
VTT
LVDS
Direct Interfacing
Interfacing from 2.5 V LVPECL to LVDS
Provided that the LVDS receiver can tolerate large input
voltage peak to peak amplitude, 2.5 V LVPECL can be
directly interfaced to LVDS receiver using proper ECL
termination. 2.5 V LVPECL will be able to drive LVDS
receiver with and without internal 100
W termination
resistor. (See Figures 8, 9 and 10).
Figure 8. Interfacing 2.5 V LVPECL to LVDS with
External 100
W Termination Resistor
100
W
LVPECL
2.5 V
VCC
RT
RT
LVDS
ZO
ZO
Figure 9. Interfacing 2.5 V LVPECL to LVDS with
Internal 100
W Termination Resistor
100
W
LVPECL
2.5 V
VCC
RT
RT
LVDS
ZO
ZO
Figure 10. PSPICE Simulation Levels of 2.5V LVPECL
to LVDS Interface with Example Resistor Values
1.50 V
0.78 V
720 mV
LVDS
Input
2.5 V LVPECL
Output
Where RT = 75 W
Furthermore, sreies termination can be used to reduce the
amplitude of the signal as described in AND8020
application note, by placing RS resistor between the driver
and the transmission line. (See Figures 11, 12 and 13).
Figure 11. Interfacing 2.5 V LVPECL to LVDS with
Series RS and External 100 W Termination Resistor
100
W
LVPECL
2.5 V
VCC
RT
RT
LVDS
ZO
ZO
RS
RS


Similar Part No. - AN1568D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AN1568D ONSEMI-AN1568D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
More results

Similar Description - AN1568D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
logo
Fairchild Semiconductor
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
   Interfacing Between PECL and LVDS Differential Technologies
logo
Texas Instruments
SN75492A TI-SN75492A Datasheet
230Kb / 8P
[Old version datasheet]   QUAD SEGMENT DRIVER AND HEX DIGIT DRIVER FOR INTERFACING BETWEEN MOS AND LIGHT EMITTING-DIODE (LED) DISPLAYS
logo
Lattice Semiconductor
ISPGDX2 LATTICE-ISPGDX2 Datasheet
546Kb / 72P
   High Performance Interfacing and Switching
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
   CAN Interfacing
logo
Analog Devices
AN-291 AD-AN-291 Datasheet
313Kb / 2P
   Asynchronous clock Interfacing
logo
MERITEK ELECTRONICS COR...
RWSF MERITEK-RWSF Datasheet
85Kb / 1P
   Between Terminals and Case
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23_10 Datasheet
402Kb / 12P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
logo
List of Unclassifed Man...
OAE ETC2-OAE Datasheet
74Kb / 1P
   ECL and PECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com