Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1066K Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA1066K
Description  8 bit, 100 MHz Flash A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1066K Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA1066K Datasheet HTML 2Page - Sony Corporation CXA1066K Datasheet HTML 3Page - Sony Corporation CXA1066K Datasheet HTML 4Page - Sony Corporation CXA1066K Datasheet HTML 5Page - Sony Corporation CXA1066K Datasheet HTML 6Page - Sony Corporation CXA1066K Datasheet HTML 7Page - Sony Corporation CXA1066K Datasheet HTML 8Page - Sony Corporation CXA1066K Datasheet HTML 9Page - Sony Corporation CXA1066K Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image


Similar Part No. - CXA1066K

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXA10 ARTESYN-CXA10 Datasheet
50Kb / 2P
   10W DC/DC Converters
logo
Emerson Network Power
CXA10 EMERSON-NETWORKPOWER-CXA10 Datasheet
248Kb / 4P
   4:1 input voltage range
logo
Artesyn Technologies
CXA10-48D05 ARTESYN-CXA10-48D05 Datasheet
50Kb / 2P
   10W DC/DC Converters
logo
Emerson Network Power
CXA10-48D05J EMERSON-NETWORKPOWER-CXA10-48D05J Datasheet
248Kb / 4P
   4:1 input voltage range
logo
Artesyn Technologies
CXA10-48D05J ARTESYN-CXA10-48D05J Datasheet
253Kb / 4P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - CXA1066K

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADC-309 MURATA-PS-ADC-309 Datasheet
350Kb / 4P
   8-BIT, 500 MHz FLASH A/D CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Sony Corporation
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com