Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC822152 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC822152
Description  CMOS IC CCD-LCD Interface ASIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC822152 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC822152 Datasheet HTML 1Page - Sanyo Semicon Device LC822152 Datasheet HTML 2Page - Sanyo Semicon Device LC822152 Datasheet HTML 3Page - Sanyo Semicon Device LC822152 Datasheet HTML 4Page - Sanyo Semicon Device LC822152 Datasheet HTML 5Page - Sanyo Semicon Device LC822152 Datasheet HTML 6Page - Sanyo Semicon Device LC822152 Datasheet HTML 7Page - Sanyo Semicon Device LC822152 Datasheet HTML 8Page - Sanyo Semicon Device LC822152 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LC822152
No.8075-5/11
Continued from preceding page.
No.
Pin Number
Pin Names
I/O
Pin Description
Initial Value
31
H4
CD5
I
CCD data input
PD
32
J4
CD4
I
CCD data input
PD
33
K5
CD3
I
CCD data input
PD
34
G5
CD2
I
CCD data input
PD
35
H5
CD1
I
CCD data input
PD
36
J5
CD0
I
CCD data input
PD
37
J6
VDD1.8
1.8V power source
38
H6
VSS
GND
39
G6
VDD3
3V power source
40
K6
EX1
B
Expanded LCD data bus
41
J7
EX0
B
Expanded LCD data bus
42
H7
LCS2
O
Chip select output for sub LCD
1
43
K7
LA
O
LCD address output
-
44
J8
LCS
O
LCD chip select output
1
45
H8
LWR
O
LCD write signal output
1
46
K8
LRD
O
LCD read signal output
1
47
K9
VDD1.8
1.8V power source
48
K10
VSS
GND
49
J10
VDD3
3V power source
50
J9
LD15
B
LCD data bus
-
51
H10
LD14
B
LCD data bus
-
52
G7
LD13
B
LCD data bus
-
53
H9
LD12
B
LCD data bus
-
54
G10
LD11
B
LCD data bus
-
55
G8
LD10
B
LCD data bus
-
56
G9
LD9
B
LCD data bus
-
57
F10
LD8
B
LCD data bus
-
58
F7
LD7
B
LCD data bus
-
59
F8
LD6
B
LCD data bus
-
60
F9
LD5
B
LCD data bus
-
61
E9
VDD3
3V power source
62
E8
VSS
GND
63
E7
VDD1.8
1.8V power source
64
E10
LD4
B
LCD data bus
-
65
D9
LD3
B
LCD data bus
-
66
D8
LD2
B
LCD data bus
-
67
D10
LD1
B
LCD data bus
-
68
C9
LD0
B
LCD data bus
-
69
C8
CS
I
Chip select input
H
70
C10
CS2
I
Chip select input for sub LCD
H
71
B10
A1
I
Address input
-
72
A10
VSS
GND
73
A9
VDD3
3V power source
74
B9
A0
I
Address input
-
75
A8
WR
I
Write signal input
H
76
D7
RD
I
Read signal input
H
77
B8
INT
O
Interrupt output
1
78
A7
D15
B
Host data bus
-
79
C7
D14
B
Host data bus
-
80
B7
D13
B
Host data bus
-
81
A6
D12
B
Host data bus
-
82
D6
D11
B
Host data bus
-
83
C6
D10
B
Host data bus
-
Continued on next page.


Similar Part No. - LC822152

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82210 SANYO-LC82210 Datasheet
57Kb / 2P
   Motion JPEG Codec
LC82210L SANYO-LC82210L Datasheet
57Kb / 2P
   Motion JPEG Codec
More results

Similar Description - LC822152

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16502 NEC-UPD16502 Datasheet
808Kb / 9P
   CCD DRIVER CMOS IC
logo
Sony Corporation
CXD3508ATQ SONY-CXD3508ATQ Datasheet
254Kb / 18P
   LCD Interface IC
CXD3508TQ SONY-CXD3508TQ Datasheet
258Kb / 18P
   LCD Interface IC
logo
List of Unclassifed Man...
EDE700 ETC1-EDE700 Datasheet
208Kb / 10P
   LCD Interface IC
logo
Sony Corporation
CXD3508BTQ SONY-CXD3508BTQ Datasheet
251Kb / 18P
   LCD Interface IC
logo
List of Unclassifed Man...
EDE702 ETC-EDE702 Datasheet
458Kb / 9P
   Serial LCD Interface IC
logo
Sharp Corporation
IR3Y48A1 SHARP-IR3Y48A1 Datasheet
195Kb / 34P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
IR3Y38M SHARP-IR3Y38M Datasheet
152Kb / 21P
   CCD Signal Process & Digital Interface IC
logo
Agamem Microelectronic ...
AA88048 AGAMEM-AA88048 Datasheet
50Kb / 1P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
logo
Sharp Corporation
IR3Y48M SHARP-IR3Y48M Datasheet
176Kb / 31P
   CCD Signal Process & Digital Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com