Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCU04ADB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVCU04ADB
Description  Hex inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCU04ADB Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVCU04ADB Datasheet HTML 1Page - NXP Semiconductors 74LVCU04ADB Datasheet HTML 2Page - NXP Semiconductors 74LVCU04ADB Datasheet HTML 3Page - NXP Semiconductors 74LVCU04ADB Datasheet HTML 4Page - NXP Semiconductors 74LVCU04ADB Datasheet HTML 5Page - NXP Semiconductors 74LVCU04ADB Datasheet HTML 6Page - NXP Semiconductors 74LVCU04ADB Datasheet HTML 7Page - NXP Semiconductors 74LVCU04ADB Datasheet HTML 8Page - NXP Semiconductors 74LVCU04ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVCU04A
Hex inverter
1998 Jul 29
5
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF; RL = 500W; Tamb = –40_C to +85_C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
TYP
tPHL/
tPLH
Propagation delay
nA to nY
Figure 1
2.7
4.3
5.3
ns
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORM
VM = 1.5 V at VCC w 2.7 V
VM = 0.5 S VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VM
nA INPUT
nY OUTPUT
VM
tPLH
tPHL
GND
VI
VOL
VOH
SV00395
Figure 1. Input (nA) to output (nY) propagation delays.
io ~
A
VCC
Rbias = 560 kW
input
output
100
mF
0.47
mF
Vi ~
(f = 1 kHz)
GND
SV00323
Figure 2. Test set-up for measuring forward transconductance
gfs = dio/dvi at vo is constant (see also graph Figure 3).
SV00410
VCC(V)
01
2
3
4
0
20
10
40
60
80
gfs
(mA/V)
Figure 3. Typical forward transconductance gfs as a function of
the supply voltage VCC at Tamb = 25°C.


Similar Part No. - 74LVCU04ADB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVCU04AD NEXPERIA-74LVCU04AD Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
74LVCU04AD-Q100 NEXPERIA-74LVCU04AD-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
More results

Similar Description - 74LVCU04ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com