Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7014S15J Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7014S15J
Description  HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7014S15J Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT7014S15J Datasheet HTML 1Page - Integrated Device Technology IDT7014S15J Datasheet HTML 2Page - Integrated Device Technology IDT7014S15J Datasheet HTML 3Page - Integrated Device Technology IDT7014S15J Datasheet HTML 4Page - Integrated Device Technology IDT7014S15J Datasheet HTML 5Page - Integrated Device Technology IDT7014S15J Datasheet HTML 6Page - Integrated Device Technology IDT7014S15J Datasheet HTML 7Page - Integrated Device Technology IDT7014S15J Datasheet HTML 8Page - Integrated Device Technology IDT7014S15J Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6.42
IDT7014S/L
High-Speed 4K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
7
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
4. Port-to-port delay through RAM cells from writing port to reading port, refer to “Timing Waveform of Write With Port-to-Port Read”.
Symbol
Parameter
7014S12
Com'l Only
7014S15
Com'l & Ind
Unit
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
12
____
15
____
ns
tAW
Address Valid to End-of-Write
10
____
14
____
ns
tAS
Address Set-up Time
0
____
0
____
ns
tWP
Write Pulse Width
10
____
12
____
ns
tWR
Write Recovery Time
1
____
1
____
ns
tDW
Data Valid to End-of-Write
8
____
10
____
ns
tHZ
Output High-Z Time(1,2)
____
7
____
7ns
tDH
Data Hold Time(3)
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
7
____
7ns
tOW
Output Active from End-of-Write(1,2,3)
0
____
0
____
ns
tWDD
Write Pulse to Data Delay
(4)
____
25
____
30
ns
tDDD
Write Data Valid to Read Data Delay
(4)
____
22
____
25
ns
2528 tbl 09a
Symbol
Parameter
7014S20
Com'l & Ind
7014S25
Com'l & Ind
Unit
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
20
____
25
____
ns
tAW
Address Valid to End-of-Write
15
____
20
____
ns
tAS
Address Set-up Time
0
____
0
____
ns
tWP
Write Pulse Width
15
____
20
____
ns
tWR
Write Recovery Time
2
____
2
____
ns
tDW
Data Valid to End-of-Write
12
____
15
____
ns
tHZ
Output High-Z Time(1,2)
____
9
____
11
ns
tDH
Data Hold Time
(3)
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z
(1,2)
____
9
____
11
ns
tOW
Output Active from End-of-Write(1,2,3)
0
____
0
____
ns
tWDD
Write Pulse to Data Delay(4)
____
40
____
45
ns
tDDD
Write Data Valid to Read Data Delay
(4)
____
30
____
35
ns
2528 tbl 09b


Similar Part No. - IDT7014S15J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results

Similar Description - IDT7014S15J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com