Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13181 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC13181
Description  Wireless Power Management Integrated Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13181 Datasheet(HTML) 3 Page - Motorola, Inc

  MC13181 Datasheet HTML 1Page - Motorola, Inc MC13181 Datasheet HTML 2Page - Motorola, Inc MC13181 Datasheet HTML 3Page - Motorola, Inc MC13181 Datasheet HTML 4Page - Motorola, Inc MC13181 Datasheet HTML 5Page - Motorola, Inc MC13181 Datasheet HTML 6Page - Motorola, Inc MC13181 Datasheet HTML 7Page - Motorola, Inc MC13181 Datasheet HTML 8Page - Motorola, Inc MC13181 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Electrical Specifications
MOTOROLA
MC13181 Advance Information
3
1 Electrical Specifications
Table 1. Maximum Ratings
Ratings
Symbol
Value
Unit
Power Supply Input Voltage
VI
0 to 7.0
V
Voltage Input
Vin
-0.3 to VCC +0.3
V
Output Voltage
Vout
-0.3 to VCC +0.3
V
Output Short Circuit Duration
-
Infinite
-
Thermal Resistance, Junction to Ambient
Rθja
115
°C/W
Storage Temperature Range
Tstg
-40 to 150
°C
Operating Junction Temperature
TJ
125
°C
Lead Soldering Temperature @ 260
°CTsolder
10
sec
NOTE:
Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics tables or
Contact Description section.
Table 2. Maximum Package Power Dissipation
The power dissipation level at which the junction temperature reaches its maximum operating value, i.e., 125°C.
Characteristic
Symbol
Min
Typ
Max
Unit
Power Dissipation, in air
Pd
-
-
345
mW
Power Dissipation, 4-layer board
Pd
-
-
1000
mW
Table 3. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
2.85
-
6.5
V
Temperature Range
TA
-40
-
85
°C
Table 4. Electrical Characteristics
(VCC = 3.6 V, Cin = 1.0 µF, Cout = 1.0 µF, TA = 25°C for typical values, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
LDO_1.85
Output Voltage in 1.85 V Mode
Vout
1.813
1.85
1.887
V
Line Regulation (VCC2 = 2.85 V to 6.5 V, Iout = 15 mA)
REGline
-1.0
10
mV
Load Regulation (Iout = 10 µA to 30 mA)
REGload
-15
45
mV


Similar Part No. - MC13181

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13180 MOTOROLA-MC13180 Datasheet
995Kb / 58P
   2.4 GHz Low Power Wireless Transceiver IC for Bluetooth??Applications
More results

Similar Description - MC13181

ManufacturerPart #DatasheetDescription
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
BD71850MWV ROHM-BD71850MWV Datasheet
1Mb / 119P
   Power Management Integrated Circuit
16.Mar.2020 Rev.002
BD71847AMWV ROHM-BD71847AMWV Datasheet
3Mb / 120P
   Power Management Integrated Circuit
logo
ON Semiconductor
NCP2704 ONSEMI-NCP2704 Datasheet
784Kb / 28P
   Audio Management Integrated Circuit
November, 2010 ??Rev. 0
logo
NXP Semiconductors
MMPF0200F0AEP NXP-MMPF0200F0AEP Datasheet
2Mb / 114P
   12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
MMPF0100 NXP-MMPF0100_V01 Datasheet
2Mb / 137P
   14 channel configurable power management integrated circuit
Rev. 19, 4/2022
MMPF0100 NXP-MMPF0100 Datasheet
1Mb / 136P
   14 channel configurable power management integrated circuit
Rev. 18, 7/2019
logo
Freescale Semiconductor...
MMPF0100 FREESCALE-MMPF0100 Datasheet
2Mb / 136P
   14 Channel Configurable Power Management Integrated Circuit
logo
NXP Semiconductors
MMPF0200 NXP-MMPF0200 Datasheet
2Mb / 114P
   12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com