Electronic Components Datasheet Search |
|
HP3-DC110V Datasheet(PDF) 8 Page - Nais(Matsushita Electric Works) |
|
HP3-DC110V Datasheet(HTML) 8 Page - Nais(Matsushita Electric Works) |
8 / 11 page HP 418 HP3 (3 Form C) Plug-in terminal types 38 1.496 0.5 .020 44 1.732 3 .118 5 .197 7 .276 36 1.417 4.75 .187 11 .433 11 .433 38 1.496 0.5 .020 2 .079 2 .079 4 .157 36 1.417 5.75 .226 5.5 .217 8.5 .335 7.65 .301 4.1 .161 5 .197 8 .315 5 .197 Accepts Faston 187 Circuit diagram mm inch HP3-SRS (with hold-down clip) Optimum space-saving panel cut-out. Can be mounted from either the front or the rear of the panel. 22.23 .875 56 2.205 0.6 .024 7.65 .301 2.75 .108 8.5 .335 38 1.496 22 .866 42.95 1.691 4.1 .161 3.5 .138 5 .197 5 .197 3.5 .138 6.2 .244 48±0.2 1.890±.008 Lot No. 45 1.772 14.5 .571 4.2+ 0.2 −0 dia. .165+ .008 −0 dia. 11 .433 11 .433 8 .315 1 .039 5.5 .217 30 1.181 5.5 .217 Front surface-mounting Rear surface-mounting 48 ±0.5 1.890 ±.020 31+1 –0 1.220+0.39 –0 31+1 –0 1.220+.039 –0 4.2 ±0.1 DIA. HOLE or 4 mm SCREW HOLE .165 ±.004 DIA. HOLE 48 ±0.5 1.890 ±.020 39+1 –0 1.535+.039 –0 46+1 –0 1.811+.039 –0 4.2 ±0.1 DIA. HOLE or 4 mm SCREW HOLE .165 ±.004 DIA. HOLE 3.5 .138 30 1.181 40±0.3 1.575±.012 52±0.3 2.047±.012 HOLD DOWN CLIP HP RELAY HP3-SFD (with hold-down clip) Front wiring in restricted space Note: Hold down clip and installation screw block are included in package. 69±1 2.717±.039 80±1 3.150±.039 HOLD DOWN CLIP HP3 RELAY 35.4±0.5 1.394±.020 58±1 2.283±.039 36±1 1.417±.039 6±0.3 .236±.012 37±0.6 1.457±.024 4.1±0.3 .161±.012 22±0.2 .866±.008 5.5±0.2 .217±.008 8.5±0.2 .335±.008 7.65±0.2 .301±.008 1.75±0.15 .069±.006 Max. 85 3.346 Max. 89 3.504 10±0.6 .394±.024 33.8±0.6 1.331±.024 37.9±0.6 1.492±.024 23.8±0.6 .937±.024 Installation screw block (installation screw, hexagonal nut, spring washer) Mounting dimensions 12 .472 37±0.2 1.457±.008 37±0.2 1.457±.008 2-M4 .157 SCREW HOLE or 4.2±0.1 .165±.004 DIA. HOLE Panel hole dimensions for side-by-side installation 45 1.772 45 1.772 4 .157 69±0.5 2.717±.020 80 3.150 Dimension : General tolerance Max. 2mm .079 inch: ±0.2 ±.008 2 to 9mm .079 to .354 inch: ±0.5 ±.020 9 to 20mm .354 to .787 inch: ±1.0 ±.039 Min. 20mm .787 inch: ±1.5 ±.059 Dimension : General tolerance Max. 2mm .079 inch: ±0.2 ±.008 2 to 9mm .079 to .354 inch: ±0.5 ±.020 9 to 20mm .354 to .787 inch: ±1.0 ±.039 Min. 20mm .787 inch: ±1.5 ±.059 Dimension : General tolerance Max. 2mm .079 inch: ±0.2 ±.008 2 to 9mm .079 to .354 inch: ±0.5 ±.020 9 to 20mm .354 to .787 inch: ±1.0 ±.039 Min. 20mm .787 inch: ±1.5 ±.059 |
Similar Part No. - HP3-DC110V |
|
Similar Description - HP3-DC110V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |