Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0838CCN Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0838CCN
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0838CCN Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC0838CCN Datasheet HTML 1Page - National Semiconductor (TI) ADC0838CCN Datasheet HTML 2Page - National Semiconductor (TI) ADC0838CCN Datasheet HTML 3Page - National Semiconductor (TI) ADC0838CCN Datasheet HTML 4Page - National Semiconductor (TI) ADC0838CCN Datasheet HTML 5Page - National Semiconductor (TI) ADC0838CCN Datasheet HTML 6Page - National Semiconductor (TI) ADC0838CCN Datasheet HTML 7Page - National Semiconductor (TI) ADC0838CCN Datasheet HTML 8Page - National Semiconductor (TI) ADC0838CCN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Current into V
+ (Note 3)
15 mA
Supply Voltage, V
CC (Note 3)
6.5V
Voltage
Logic Inputs
−0.3V to V
CC +
0.3V
Analog Inputs
−0.3V to V
CC +
0.3V
Input Current per Pin (Note 4)
±5mA
Package
±20 mA
Storage Temperature
−65˚C to +150˚C
Package Dissipation
at T
A=25˚C (Board Mount)
0.8W
Lead Temperature (Soldering 10
sec.)
Dual-In-Line Package (Plastic)
260˚C
Molded Chip Carrier Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
ESD Susceptibility (Note 5)
2000V
Operating Ratings (Notes 1, 2)
Supply Voltage, V
CC
4.5 V
DC to 6.3 VDC
Temperature Range
T
MIN
≤T
A
≤T
MAX
ADC0832/8CIWM
−40˚C to +85˚C
ADC0834BCN,
ADC0838BCV,
ADC0831/2/4/8CCN,
ADC0838CCV,
ADC0831/2/4/8CCWM
0˚C to +70˚C
Converter and Multiplexer Electrical Characteristics The following specifications apply for
V
CC =V+=VREF = 5V, VREF
≤ V
CC +0.1V, TA =Tj = 25˚C, and fCLK = 250 kHz unless otherwise specified. Boldface limits
apply from T
MIN to TMAX.
Parameter
Conditions
CIWM Devices
BCV, CCV, CCWM, BCN
and CCN Devices
Typ
Tested
Design
Typ
Tested
Design
Units
(Note 12)
Limit
Limit
(Note 12)
Limit
Limit
(Note 13) (Note 14)
(Note 13)
(Note 14)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Total Unadjusted Error
V
REF=5.00 V
ADC0838BCV
(Note 6)
±12
±12
ADC0834BCN
±12
±12
LSB
(Max)
ADC0838CCV
±1
±1
ADC0831/2/4/8CCN
±1
±1
ADC0831/2/4/8CCWM
±1
±1
ADC0832/8CIWM
±1
Minimum Reference
3.5
1.3
3.5
1.3
1.3
k
Input Resistance (Note 7)
Maximum Reference
3.5
5.9
3.5
5.4
5.9
k
Input Resistance (Note 7)
Maximum Common-Mode
Input Range (Note 8)
V
CC +0.05
V
CC +0.05
V
CC+0.05
V
Minimum Common-Mode
Input Range (Note 8)
GND −0.05
GND −0.05 GND−0.05
V
DC Common-Mode Error
±1/16
±14
±1/16
±14
±14
LSB
Change in zero
15 mA into V+
error from V
CC=5V
V
CC=N.C.
to internal zener
V
REF=5V
operation (Note 3)
1
1
1
LSB
V
Z, internal
MIN 15 mA into V+
6.3
6.3
6.3
diode breakdown
MAX
8.5
8.5
8.5
V
(at V
+) (Note 3)
www.national.com
4


Similar Part No. - ADC0838CCN

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ADC0838CCN MICRO-LINEAR-ADC0838CCN Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0838CCN TI-ADC0838CCN Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0838CCN TI1-ADC0838CCN Datasheet
2Mb / 40P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0838CCN TI1-ADC0838CCN Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0838CCN/NOPB TI-ADC0838CCN/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results

Similar Description - ADC0838CCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
logo
Texas Instruments
ADC0832CCN TI1-ADC0832CCN Datasheet
2Mb / 40P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N_14 Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com