Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTTS2P03R2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTTS2P03R2
Description  Power MOSFET -2.48 Amps, -30 Volts P?묬hannel Enhancement Mode Single Micro8 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTS2P03R2 Datasheet(HTML) 5 Page - ON Semiconductor

  NTTS2P03R2 Datasheet HTML 1Page - ON Semiconductor NTTS2P03R2 Datasheet HTML 2Page - ON Semiconductor NTTS2P03R2 Datasheet HTML 3Page - ON Semiconductor NTTS2P03R2 Datasheet HTML 4Page - ON Semiconductor NTTS2P03R2 Datasheet HTML 5Page - ON Semiconductor NTTS2P03R2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTTS2P03R2
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 13. Thermal Response
t, TIME (s)
100
10
1
D = 0.5
SINGLE PULSE
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
0.2
0.05
0.01
1.0E+02
1.0E+03
0.1
1000
0.1
0.02
RθJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2


Similar Part No. - NTTS2P03R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTS2P03R2 ONSEMI-NTTS2P03R2 Datasheet
80Kb / 6P
   Power MOSFET ??.48 Amps, ??0 Volts
June, 2005 ??Rev. 2
NTTS2P03R2G ONSEMI-NTTS2P03R2G Datasheet
80Kb / 6P
   Power MOSFET ??.48 Amps, ??0 Volts
June, 2005 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
More results

Similar Description - NTTS2P03R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
NTTS2P02R2 ONSEMI-NTTS2P02R2 Datasheet
98Kb / 8P
   Power MOSFET -2.4 Amps, -20 Volts Single P-Channel Micro8
December, 2000 ??Rev. 4
NTMS10P02R2 ONSEMI-NTMS10P02R2 Datasheet
92Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel Enhancement?묺ode Single SO?? Package
December, 2003 ??Rev. 2
NTR3A085PZ ONSEMI-NTR3A085PZ Datasheet
62Kb / 3P
   Power MOSFET Dual P?묬hannel Micro8
December, 2015 ??Rev. P0
NTTD2P02R2 ONSEMI-NTTD2P02R2 Datasheet
235Kb / 8P
   Power MOSFET Dual P?묬hannel Micro8
August, 2006 ??Rev. 1
MTB30P06V ONSEMI-MTB30P06V Datasheet
87Kb / 8P
   Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
July, 2006 ??Rev.4
NTGS3455T1 ONSEMI-NTGS3455T1 Datasheet
68Kb / 6P
   MOSFET -3.5 Amps, -30 Volts P?묬hannel TSOP??
January, 2004 ??Rev. 1
MMDF2P03HDR2 ONSEMI-MMDF2P03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 2 Amps, 30 Volts P?묬hannel SO??, Dual
August, 2006 ??Rev. 8
NTMS10P02R2 ONSEMI-NTMS10P02R2_06 Datasheet
180Kb / 6P
   Power MOSFET ??0 Amps, ??0 Volts P?묬hannel Enhancement?묺ode
March, 2006 ??Rev. 3
NTD5413N ONSEMI-NTD5413N Datasheet
109Kb / 6P
   Power MOSFET 30 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com