Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7014S12JI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7014S12JI
Description  HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7014S12JI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7014S12JI Datasheet HTML 1Page - Integrated Device Technology IDT7014S12JI Datasheet HTML 2Page - Integrated Device Technology IDT7014S12JI Datasheet HTML 3Page - Integrated Device Technology IDT7014S12JI Datasheet HTML 4Page - Integrated Device Technology IDT7014S12JI Datasheet HTML 5Page - Integrated Device Technology IDT7014S12JI Datasheet HTML 6Page - Integrated Device Technology IDT7014S12JI Datasheet HTML 7Page - Integrated Device Technology IDT7014S12JI Datasheet HTML 8Page - Integrated Device Technology IDT7014S12JI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IDT7014S
High-Speed 4K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
2528 drw 02
IDT 7014J
J52-1(4)
52-Pin PLCC
Top View(5)
INDEX
46
45
44
43
42
41
40
39
38
37
36
35
34
I/O6L
A6L
A7L
A8L
A9L
A10L
A11L
VCC
I/O7L
8
9
10
11
12
13
14
15
16
17
18
19
20
47
48
49
50
51
52
1
2
3
4
5
6
7
33
32
31
30
29
28
27
26
25
24
23
22
21
OEL
R/
WL
GND
I/O8L
I/O6R
I/O5R
I/O7R
GND
R/
WR
GND
OER
A11R
A10R
A8R
A7R
A9R
I/O8R
,
INDEX
IDT7014PF
PN64-1(4)
64-Pin TQFP
Top View(5)
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
46
45
44
43
42
41
40
39
38
37
36
35
34
47
48
33
N/C
A10L
A11L
N/C
R/
WL
N/C
GND
A9L
OEL
VCC
A6L
A7L
A8L
I/O8L
I/O7L
I/O6L
I/O6R
GND
A7R
A8R
A9R
A10R
A11R
N/C
N/C
N/C
I/O7R
A6R
GND
I/O8R
R/
WR
OER
2528 drw 03
Pin Configuration(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. J52-1 package body is approximately .75 in x .75 in. x .17 in.
PN64-1 package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate the orientation of the actual part-marking


Similar Part No. - IDT7014S12JI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results

Similar Description - IDT7014S12JI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com