Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7818HL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7818HL
Description  DVD and CD playback IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7818HL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7818HL Datasheet HTML 6Page - NXP Semiconductors SAA7818HL Datasheet HTML 7Page - NXP Semiconductors SAA7818HL Datasheet HTML 8Page - NXP Semiconductors SAA7818HL Datasheet HTML 9Page - NXP Semiconductors SAA7818HL Datasheet HTML 10Page - NXP Semiconductors SAA7818HL Datasheet HTML 11Page - NXP Semiconductors SAA7818HL Datasheet HTML 12Page - NXP Semiconductors SAA7818HL Datasheet HTML 13Page - NXP Semiconductors SAA7818HL Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
9397 750 14312
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 25 November 2004
10 of 30
Philips Semiconductors
SAA7818HL
DVD and CD playback IC
DD10
123
B
AL/T
host interface/generic DMA; bit 10
(mode 1 = MON_A)
DD4
124
B
AL/T
host interface/generic DMA; bit 4
DD11
125
B
AL/T
host interface/generic DMA; bit 11
(mode 1 = MON_D)
VDDD(P8)
126
P
digital supply voltage 8 for the pad cells (3.3 V)
VSSD(P8)
127
P
digital ground 8 for the pad cells
DD3
128
B
AL/T
host interface/generic DMA; bit 3
DD12
129
B
AL/T
host interface/generic DMA; bit 12
(mode 1 = DEB_OUT)
DD2
130
B
AL/T
host interface/generic DMA; bit 2
DD13
131
B
AL/T
host interface/generic DMA; bit 13
(mode 1 = OTD)
DD1
132
B
AL/T
host interface/generic DMA; bit 1
DD14
133
B
AL/T
host interface/generic DMA; bit 14
(mode 1 = SCCLK)
DD0
134
B
AL/T
host interface/generic DMA; bit 0
DD15
135
B
AL/T
host interface/generic DMA; bit 15
(mace_debug = servo_int)
VDDD(C4)
136
P
digital supply voltage 4 for the core (1.8 V)
VSSD(C4)
137
P
digital ground 4 for the core
DMARQ_GACK
138
O
AL
host DMA request or generic DMA acknowledge
DIOW
139
I
T
host interface input write strobe
DIOR
140
I
T
host interface input read strobe
IORDY
141
O
AH
host interface ready output
DMACK_GRQ
142
I
T
host DMA acknowledge or generic DMA request
input
INTRQ
143
O
AH
host interface interrupt request output
IOCS16
144
O
AH
host interface 8/16-bit Port output
DA1_GWR
145
B
AL/T
host address bit 1 or generic write
VDDD(P9)
146
P
digital supply voltage 9 for the pad cells (3.3 V)
VSSD(P9)
147
P
digital ground 9 for the pad cells
PDIAG
148
B
AL/T
host interface passed test input/output
(mode 1 = SYNC)
DA0
149
B
AL/T
host address bit 0 input/output
DA2_GRD
150
B
AL/T
host address bit 2 or generic read
CS0
151
B
AL/T
host interface chip select 0 input/output
CS1
152
B
AL/T
host interface chip select 1 input/output
DASP
153
B
AL/T
host interface active slave present input/output
(mode 1 = V4)
IECO_CL1
154
O
M
IEC 60958 output or CL1 output from HDR66
VDDD(P10)
155
P
digital supply voltage 10 for the pad cells (3.3 V)
Table 3:
Pin description …continued
Symbol
Pin
Type [1]
Drive/
threshold
Description


Similar Part No. - SAA7818HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7811HL PHILIPS-SAA7811HL Datasheet
86Kb / 20P
   Single-chip DVD-ROM
1999 Oct 05
More results

Similar Description - SAA7818HL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
logo
Rohm
RLD2WMUL3 ROHM-RLD2WMUL3 Datasheet
690Kb / 1P
   2-Wavelength Laser Diodes for DVD/CD Playback
logo
NXP Semiconductors
TZA1045 PHILIPS-TZA1045 Datasheet
92Kb / 20P
   Photodiode and amplifier IC for CD and DVD applications
2003 Jun 26
TZA1046 PHILIPS-TZA1046 Datasheet
133Kb / 24P
   Photodiode and amplifier IC for CD and DVD applications
2004 May 04
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
ATMEL Corporation
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
   DVD/CD Servo
logo
Sony Corporation
CXA2677 SONY-CXA2677 Datasheet
57Kb / 2P
   Optical Pickup Chipset with CD/DVD Recording Photodetector IC (PDIC) Supports High-Speed Writing to both CD and DVD Media
logo
Rohm
BB6390KU ROHM-BB6390KU Datasheet
178Kb / 6P
   Control IC for CD-R/RW, DVDR/RW, DVD-RAM drive
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
   DVD/CD Read Channel
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com