Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBB1010 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # TBB1010
Description  Twin Build in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TBB1010 Datasheet(HTML) 3 Page - Renesas Technology Corp

  TBB1010 Datasheet HTML 1Page - Renesas Technology Corp TBB1010 Datasheet HTML 2Page - Renesas Technology Corp TBB1010 Datasheet HTML 3Page - Renesas Technology Corp TBB1010 Datasheet HTML 4Page - Renesas Technology Corp TBB1010 Datasheet HTML 5Page - Renesas Technology Corp TBB1010 Datasheet HTML 6Page - Renesas Technology Corp TBB1010 Datasheet HTML 7Page - Renesas Technology Corp TBB1010 Datasheet HTML 8Page - Renesas Technology Corp TBB1010 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TBB1010
Rev.2, Feb. 2003, page 3 of 10
Electrical Characteristics
(Ta = 25°C)
The below specification are applicable for FET1 and FET2 unit
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V(BR)DSS
6—
V
ID = 200
µA, VG1S = VG2S = 0
Gate1 to source breakdown
voltage
V(BR)G1SS +6
V
IG1 = +10
µA, VG2S = VDS = 0
Gate2 to source breakdown
voltage
V(BR)G2SS +6
V
IG2 = +10
µA, VG1S = VDS = 0
Gate1 to source cutoff current
IG1SS
+100
nA
VG1S = +5 V, VG2S = VDS = 0
Gate2 to source cutoff current
IG2SS
+100
nA
VG2S = +5 V, VG1S = VDS = 0
Gate1 to source cutoff voltage
VG1S(off)
0.6
1.1
V
VDS = 5 V, VG2S = 4 V,
ID = 100
µA
Gate2 to source cutoff voltage
VG2S(off)
0.6
1.1
V
VDS = 5 V, VG1S = 5 V,
ID = 100
µA
Drain current
ID(op)
12
16
20
mA
VDS = 5 V, VG1 = 5 V
VG2S = 4 V, RG = 120 k
Forward transfer admittance
|yfs|24
29
mS
VDS = 5 V, VG1 = 5 V, VG2S =4V
RG = 120 k
Ω, f = 1 kHz
Input capacitance
Ciss
1.7
2.1
2.5
pF
VDS = 5 V, VG1 = 5 V
Output capacitance
Coss
1.0
1.4
1.8
pF
VG2S =4 V, RG = 120 k
Reverse transfer capacitance
Crss
0.03
0.05
pF
f = 1 MHz
Power gain
PG
25
30
dB
VDS = VG1 = 5 V, VG2S = 4 V
Noise figure
NF
1.1
1.8
dB
RG = 120 k
Ω, f = 200 MHz


Similar Part No. - TBB1010

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1010 RENESAS-TBB1010 Datasheet
93Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010KMTL-E RENESAS-TBB1010KMTL-E Datasheet
93Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010KMTL-E RENESAS-TBB1010KMTL-E Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010KMTL-H RENESAS-TBB1010KMTL-H Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010 RENESAS-TBB1010_06 Datasheet
93Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results

Similar Description - TBB1010

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TBB1004 HITACHI-TBB1004 Datasheet
63Kb / 11P
   Twin Build in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
logo
Renesas Technology Corp
TBB1008 RENESAS-TBB1008 Datasheet
218Kb / 14P
   Twin Build in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
logo
Hitachi Semiconductor
TBB1002 HITACHI-TBB1002 Datasheet
66Kb / 11P
   Twin Build in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
logo
Renesas Technology Corp
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_11 Datasheet
121Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1010 RENESAS-TBB1010_06 Datasheet
93Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
logo
Hitachi Semiconductor
BB501M HITACHI-BB501M Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503M HITACHI-BB503M Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
Renesas Technology Corp
TBB1016 RENESAS-TBB1016 Datasheet
104Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
TBB1016 RENESAS-TBB1016_15 Datasheet
182Kb / 11P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com