Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP2-L-AC24V Datasheet(PDF) 7 Page - Nais(Matsushita Electric Works)

Part # HP2-L-AC24V
Description  10 AMP POWER RELAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HP2-L-AC24V Datasheet(HTML) 7 Page - Nais(Matsushita Electric Works)

Back Button HP2-L-AC24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HP2-L-AC24V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HP2-L-AC24V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HP2-L-AC24V Datasheet HTML 6Page - Nais(Matsushita Electric Works) HP2-L-AC24V Datasheet HTML 7Page - Nais(Matsushita Electric Works) HP2-L-AC24V Datasheet HTML 8Page - Nais(Matsushita Electric Works) HP2-L-AC24V Datasheet HTML 9Page - Nais(Matsushita Electric Works) HP2-L-AC24V Datasheet HTML 10Page - Nais(Matsushita Electric Works) HP2-L-AC24V Datasheet HTML 11Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HP
417
HP2-SRS (with hold-down clip)
Optimum space-saving panel cut-out.
Can be mounted from either the front or
the rear of the panel.
5
.197
5
.197
22
.866
4.1
.161
6.2 .244
1.0 .039
6 .236
30
1.181
56
2.205
48
±0.2
1.890
±.008
38
1.496
33
1.299
5.5
.217
13
.512
Front surface-mounting
Rear surface-mounting
48
±0.5
1.890
±.020
34 +1
–0
1.339+0.39
–0
24 +0.1
–0
.945 +.004
–0
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
48
±0.5
1.890
±.020
39
1.535
31
1.220
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
57.9
±3
2.280
±.118
HOLD-DOWN CLIP
HP RELAY
HP SOCKET
4 mm SCREW
SPRING WASHER
PANEL
HOLD-DOWN CLIP
HP RELAY
HP SOCKET
4 mm SCREW
SPRING WASHER
PANEL
13 .512
56.9
±3
2.240
±.118
14 .551
mm inch
HP2-SFD (with hold-down clip)
Front wiring in restricted space
23.8±0.6
.937±.024
HOLD DOWN CLIP
HP2 RELAY
Installation screw
block
(installation screw,
hexagonal nut,
spring washer)
5.8±0.2
.228±.008
7.5±0.2
.295±.008
9.5±0.2
.374±.008
4.1±0.3
.161±.012
6±0.3
.236±.012
35.4±0.5
1.394±.020
0.6±0.15
.024±.006
10±0.2
.394±.008
22±0.6
.866±.024
15±0.2
.591±.008
80±1
3.150±.039
10±0.6
.394±.024
37.9±0.6
1.492±.024
33.8±0.6
1.331±.024
Max. 85 3.346
Max. 89 3.504
58±1
2.283±.039
36±1
1.417±.039
69±1
2.717±.039
Mounting dimensions
Note: Hold down clip and installation screw block are
included in package.
Panel hole dimensions
for side-by-side installation
12
.472
22±0.2
.866±.008
22±0.2
.866±.008
30
1.181
30
1.181
4 .157
69±0.5
2.717±.020
80
3.150
2-M4 .157 SCREW HOLE or
4.2±0.1 .165±.004 DIA. HOLE
HP2-TM (2 Form C) Top mounting types
2.8
.110
46.8
1.843
24.7
.972
0.8
.031
0.8
.031
45.5
1.791
35.7
1.406
5.26
.207
5.26
.207
4.5
.177
10
.394
9.5 .374
5.5 .217
7.5 .295
5.8 .228
5.3 .209
2.25R .089R
58
2.283
25
.984
15
.591
7
.276
Accepts
Faston 205
Circuit diagram
Mounting dimensions
52.3
2.059
35.7
1.406
4 mm SCREW or
8-32 NC-2 SCREW
SCREW WASHER
PANEL
45.5
1.791
2
.079
30
1.181
4.5
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.117
±.004 DIA. HOLE
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059


Similar Part No. - HP2-L-AC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HP2-L-AC24V PANASONIC-HP2-L-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HP2-L-AC24V PANASONIC-HP2-L-AC24V Datasheet
312Kb / 11P
   Interchangeable with existing models
More results

Similar Description - HP2-L-AC24V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com