Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT02PWDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVT02PWDH
Description  3.3V Quad 2-input NOR gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT02PWDH Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVT02PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT02PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Pr
oduct specification
74LVT02
3.3V Quad 2-input NOR gate
2
1996 Aug 15
853-1859 17184
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An or Bn
to Yn
CL = 50pF;
VCC = 3.3V
2.8
2.6
ns
CIN
Input capacitance
VI = 0V or 3.0V
3
pF
ICCL
Total supply current
Outputs Low; VCC = 3.6V
1
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic SO
–40
°C to +85°C
74LVT02 D
74LVT02 D
SOT108-1
14-Pin Plastic SSOP
–40
°C to +85°C
74LVT02 DB
74LVT02 DB
SOT337-1
14-Pin Plastic TSSOP
–40
°C to +85°C
74LVT02 PW
74LVT02PW DH
SOT402-1
LOGIC SYMBOL
A0
B0
A1
B1
A2
Y0
B2
A3
B3
Y1
Y2
Y3
VCC = Pin 14
GND = Pin 7
1
4
10
13
2
3
5
6
8
9
11
12
SA00335
LOGIC SYMBOL (IEEE/IEC)
2
3
5
6
8
9
11
12
1
4
10
13
SF00010
1
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
A2
B2
Y2
A3
Y3
B3
A0
B0
Y1
Y0
A1
B1
SA00337
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
2, 3, 5, 6, 8,
9, 11, 12
An-Bn
Data inputs
1, 4, 10, 13
Yn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage


Similar Part No. - 74LVT02PWDH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT02PW NEXPERIA-74LVT02PW Datasheet
210Kb / 10P
   3.3 V Quad 2-input NOR gate
Rev. 4 - 1 March 2021
More results

Similar Description - 74LVT02PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com