Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE1A1B-1V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # DE1A1B-1V
Description  COMPACT HIGH-INSULATION POLARIZED POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DE1A1B-1V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  DE1A1B-1V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DE1A1B-1V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DE1A1B-1V Datasheet HTML 3Page - Nais(Matsushita Electric Works) DE1A1B-1V Datasheet HTML 4Page - Nais(Matsushita Electric Works) DE1A1B-1V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DE
246
2 Form A
• 2 coil latching type
1 Form A
1 Form A 1 Form B
2 Form A
Part No.
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
(initial)
Drop-out
voltage,
V DC (min.)
(initial)
Coil resistance,
Ω (±10%)
Nominal operating
current,
mA (
±10%)
Nominal operating
power,
mW
Max.
allowable
voltage,
V DC
DE2a-L-3V
3
2.1
2.1
90
33.3
100
3.9
DE2a-L-4.5V
4.5
3.15
3.15
202
22.3
100
5.85
DE2a-L-5V
5
3.5
3.5
250
20
100
6.5
DE2a-L-6V
6
4.2
4.2
360
16.7
100
7.8
DE2a-L-9V
9
6.3
6.3
812
11.1
100
11.7
DE2a-L-12V
12
8.4
8.4
1,440
8.3
100
15.6
DE2a-L-24V
24
16.8
16.8
5,760
4.2
100
31.2
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
(initial)
Reset
voltage,
V DC (min.)
(initial)
Coil resistance,
Ω (±10%)
Nominal operating
current,
mA (
±10%)
Nominal operating
power,
mW
Max.
allowable
voltage,
V DC
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
DE1a-L2-3V
3
2.1
2.1
45
45
66.6
66.6
200
200
3.9
DE1a-L2-4.5V
4.5
3.15
3.15
101
101
44.5
44.5
200
200
5.85
DE1a-L2-5V
5
3.5
3.5
125
125
40
40
200
200
6.5
DE1a-L2-6V
6
4.2
4.2
180
180
33.3
33.3
200
200
7.8
DE1a-L2-9V
9
6.3
6.3
405
405
22.2
22.2
200
200
11.7
DE1a-L2-12V
12
8.4
8.4
720
720
16.6
16.6
200
200
15.6
DE1a-L2-24V
24
16.8
16.8
2,880
2,880
8.3
8.3
200
200
31.2
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
(initial)
Reset
voltage,
V DC (min.)
(initial)
Coil resistance,
Ω (±10%)
Nominal operating
current,
mA (
±10%)
Nominal operating
power,
mW
Max.
allowable
voltage,
V DC
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
DE1a1b-L2-3V
3
2.1
2.1
45
45
66.6
66.6
200
200
3.9
DE1a1b-L2-4.5V
4.5
3.15
3.15
101
101
44.5
44.5
200
200
5.85
DE1a1b-L2-5V
5
3.5
3.5
125
125
40
40
200
200
6.5
DE1a1b-L2-6V
6
4.2
4.2
180
180
33.3
33.3
200
200
7.8
DE1a1b-L2-9V
9
6.3
6.3
405
405
22.2
22.2
200
200
11.7
DE1a1b-L2-12V
12
8.4
8.4
720
720
16.6
16.6
200
200
15.6
DE1a1b-L2-24V
24
16.8
16.8
2,880
2,880
8.3
8.3
200
200
31.2
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
(initial)
Reset
voltage,
V DC (min.)
(initial)
Coil resistance,
Ω (±10%)
Nominal operating
current,
mA (
±10%)
Nominal operating
power,
mW
Max.
allowable
voltage,
V DC
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
DE2a-L2-3V
3
2.1
2.1
45
45
66.6
66.6
200
200
3.9
DE2a-L2-4.5V
4.5
3.15
3.15
101
101
44.5
44.5
200
200
5.85
DE2a-L2-5V
5
3.5
3.5
125
125
40
40
200
200
6.5
DE2a-L2-6V
6
4.2
4.2
180
180
33.3
33.3
200
200
7.8
DE2a-L2-9V
9
6.3
6.3
405
405
22.2
22.2
200
200
11.7
DE2a-L2-12V
12
8.4
8.4
720
720
16.6
16.6
200
200
15.6
DE2a-L2-24V
24
16.8
16.8
2,880
2,880
8.3
8.3
200
200
31.2


Similar Part No. - DE1A1B-1V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
More results

Similar Description - DE1A1B-1V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DE1A1B-L-3V PANASONIC-DE1A1B-L-3V Datasheet
1Mb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
Fujitsu Component Limit...
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
logo
American Zettler, Inc.
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com