Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1857E-050 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1857E-050
Description  Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1857E-050 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1857E-050 Datasheet HTML 1Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 2Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 3Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 4Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 5Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 6Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 7Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 8Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Dual Temperature-Controlled Resistors with
External Temperature Input and Monitors
_____________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EXTTMP Input Voltage
VEXTTMP
1.779
V
Conversion Resolution
∆VEXTTMP
625
µV
Conversion Accuracy
VEXTTMP
(Note 9)
12.8
mV
EXTERNAL TEMPERATURE
(VCC = 3.0V to 5.5V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Resolution
∆VMON
610
µV
Supply Resolution
∆VCC
1.6
mV
Input/Supply Accuracy
ACC
0.25
0.5
% FS
(full scale)
Update Rate for MON1, MON2,
Temp, or VCC
tframe
20
30
ms
ANALOG VOLTAGE MONITORING
(VCC = 3.0V to 5.5V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Position 00h Resistance
TA = +25°C
0.70
1.0
1.25
k
Position FFh Resistance
TA = +25°C
40
50
60
k
Absolute Linearity
(Note 6)
-2
+2
LSB
Relative Linearity
(Note 7)
-1
+1
LSB
Temperature Coefficient
(Note 8)
50
ppm/°C
High-Z Resistor Current
IRHIZ
RHIZ = VCC
0.1
µA
ANALOG RESISTOR CHARACTERISTICS
(VCC = 3.0V to 5.5V, TA = -40°C to +95°C, unless otherwise noted.)


Similar Part No. - DS1857E-050

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
logo
Dallas Semiconductor
DS1851E-010 DALLAS-DS1851E-010 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
DS1851E-010TR DALLAS-DS1851E-010TR Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
More results

Similar Description - DS1857E-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856 MAXIM-DS1856 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
   SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
logo
ON Semiconductor
MC1066 ONSEMI-MC1066 Datasheet
196Kb / 16P
   ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com