Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1857E-050 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1857E-050
Description  Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1857E-050 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1857E-050 Datasheet HTML 1Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 2Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 3Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 4Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 5Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 6Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 7Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 8Page - Maxim Integrated Products DS1857E-050 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Dual Temperature-Controlled Resistors with
External Temperature Input and Monitors
4
_____________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Fast mode (Note 10)
0
400
SCL Clock Frequency
fSCL
Standard mode (Note 10)
0
100
kHz
Fast mode (Note 10)
1.3
Bus Free Time Between STOP and
START Condition
tBUF
Standard mode (Note 10)
4.7
µs
Fast mode (Notes 10, 11)
0.6
Hold Time (Repeated)
START Condition
tHD:STA
Standard mode (Notes 10, 11)
4.0
µs
Fast mode (Note 10)
1.3
Low Period of SCL Clock
tLOW
Standard mode (Note 10)
4.7
µs
Fast mode (Note 10)
0.6
High Period of SCL Clock
tHIGH
Standard mode (Note 10)
4.0
µs
Fast mode (Notes 10, 12, 13)
0
0.9
Data Hold Time
tHD:DAT
Standard mode (Notes 10, 12, 13)
0
µs
Fast mode (Note 10)
100
Data Setup Time
tSU:DAT
Standard mode (Note 10)
250
ns
Fast mode (Note 10)
0.6
Start Setup Time
tSU:STA
Standard mode (Note 10)
4.7
µs
Fast mode (Note 13)
20 + 0.1CB
300
Rise Time of Both SDA and SCL
Signals
tF
Standard mode (Note 13)
20 + 0.1CB
1000
ns
Fast mode (Note 13)
20 + 0.1CB
300
Fall Time of Both SDA and SCL
Signals
tR
Standard mode (Note 13)
20 + 0.1CB
300
ns
Fast mode
0.6
Setup Time for STOP Condition
tSU:STO
Standard mode
4.0
µs
Capacitive Load for Each Bus Line
CB
(Note 13)
400
pF
EEPROM Write Time
tW
(Note 14)
10
ms
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 5.5V, TA = -40°C to +95°C, unless otherwise noted.)
Note 1: All voltages are referenced to ground.
Note 2: I/O pins of fast-mode devices must not obstruct the SDA and SCL lines if VCC is switched off. The address inputs should be
connected to either VCC or GND depending on the desired address setting.
Note 3: SDA and SCL are connected to VCC and all other input signals are connected to well-defined logic levels.
Note 4: The maximum voltage the MON inputs will read is approximately 2.5V, even if the voltage on the inputs is greater than 2.5V.
Note 5: This voltage is defining the maximum range of the analog-to-digital converter and not the maximum VCC voltage.
Note 6: Absolute linearity is the difference of measured value from expected value at DAC position. The expected value is a
straight line from measured minimum position to measured maximum position.
Note 7: Relative linearity is the deviation of an LSB DAC setting change vs. the expected LSB change. The expected LSB change
is the slope of the straight line from measured minimum position to measured maximum position.
Note 8: See the Typical Operating Characteristics.
Note 9: The conversion accuracy does not include any error from the LM50.
Note 10: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT > 250ns must then be met. This
is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the
LOW period of the SCL signal, it must output the next data bit to the SDA line tRMAX + tSU:DAT = 1000ns + 250ns = 1250ns
before the SCL line is released.


Similar Part No. - DS1857E-050

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
logo
Dallas Semiconductor
DS1851E-010 DALLAS-DS1851E-010 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
DS1851E-010TR DALLAS-DS1851E-010TR Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
More results

Similar Description - DS1857E-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856 MAXIM-DS1856 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
   SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
logo
ON Semiconductor
MC1066 ONSEMI-MC1066 Datasheet
196Kb / 16P
   ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com