Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74V283-7GGM Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74V283-7GGM
Description  819218, 1638418, 3276818, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74V283-7GGM Datasheet(HTML) 5 Page - Texas Instruments

  SN74V283-7GGM Datasheet HTML 1Page - Texas Instruments SN74V283-7GGM Datasheet HTML 2Page - Texas Instruments SN74V283-7GGM Datasheet HTML 3Page - Texas Instruments SN74V283-7GGM Datasheet HTML 4Page - Texas Instruments SN74V283-7GGM Datasheet HTML 5Page - Texas Instruments SN74V283-7GGM Datasheet HTML 6Page - Texas Instruments SN74V283-7GGM Datasheet HTML 7Page - Texas Instruments SN74V283-7GGM Datasheet HTML 8Page - Texas Instruments SN74V283-7GGM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
SN74V263, SN74V273, SN74V283, SN74V293
8192
× 18, 16384 × 18, 32768 × 18, 65536 × 18
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS669D – JUNE 2001 – REVISED FEBRUARY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Also, the timing modes of PAE and PAF outputs can be selected. Timing modes can be set to be either
asynchronous or synchronous for PAE and PAF.
If the asynchronous PAE/PAF configuration is selected, PAE is asserted low on the low-to-high transition of
RCLK. PAE is reset to high on the low-to-high transition of WCLK. Similarly, PAF is asserted low on the
low-to-high transition of WCLK, and PAF is reset to high on the low-to-high transition of RCLK.
If the synchronous PAE/PAF configuration is selected , PAE is asserted and updated on the rising edge of RCLK
only and not WCLK. Similarly, PAF is asserted and updated on the rising edge of WCLK only and not RCLK.
The desired mode is configured during master reset by the state of the programmable-flag mode (PFM) pin.
The retransmit function allows data to be reread from the FIFO more than once. A low on the RT input during
a rising RCLK edge initiates a retransmit operation by setting the read pointer to the first location of the memory
array. Zero-latency retransmit timing mode can be selected using the retransmit timing mode (RM). During
master reset, a low on RM selects zero-latency retransmit. A high on RM during master reset selects normal
latency.
If zero-latency retransmit operation is selected, the first data word to be retransmitted is placed on the output
register with respect to the same RCLK edge that initiated the retransmit, if RT is low.
During master reset (MRS), the functions for all the operating modes are programmed. These include FWFT
or standard timing, input bus width, output bus width, big endian or little endian, retransmit mode,
programmable-flag operating and programming method, programmable-flag default offsets, and interspersed
parity select. The read and write pointers are set to the first location of the FIFO. Then, based on the selected
timing mode, EF is set low or OR is set high and FF is set high or IR is set low. Also, PAE is set low, PAF is set
high, and HF is set high. The Q outputs are set low.
Partial reset (PRS) also sets the read and write pointers to the first location of the memory. However, the timing
mode, programmable-flag programming method, default or programmed offset settings, input and output bus
widths, big endian/little endian, interspersed parity select, and retransmit mode existing before partial reset is
asserted remain unchanged. The flags are updated according to the timing mode and offsets in effect. PRS is
useful for resetting a device in mid-operation when reprogramming programmable flags and other functions
would be undesirable.


Similar Part No. - SN74V283-7GGM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V283-7PZA TI1-SN74V283-7PZA Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V283-7GGM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V3640 TI-SN74V3640 Datasheet
725Kb / 50P
[Old version datasheet]   1024 횞 36, 2048 횞 36, 4096 횞 36, 8192 횞 36, 16384 횞 36, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819A TI-SN74ABT7819A Datasheet
321Kb / 21P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com