Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALE74F05 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ALE74F05
Description  16A Power Relay For Micro wave oven
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALE74F05 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ALE74F05 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALE74F05 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALE74F05 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ALE74F05 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
43
LE
16A Power Relay For
Micro wave oven
LE RELAYS
Remarks
∗ Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as “Initial breakdown voltage” section.
*2 Detection current: 10mA
*3 Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981
*4 Excluding contact bounce time.
*5 Half-wave pulse of sine wave: 11 ms; detection time: 10
µs
*6 Half-wave pulse of sine wave: 6 ms
*7 Detection time: 10
µs
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 24).
Contact
Arrangement
1 Form A
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
100 m
Contact material
Silver alloy
Rating
(resistive load)
Nominal switch-
ing capacity
16 A 277 V AC
Max. switching
power
4,432 V A
Max. switching
voltage
277 V AC
Max. switching
current
16 A
Expected life
(min. operations)
Mechanical
(at 180 cpm)
2
× 106
Electrical
(at 20 cpm)
(Resistive load)
105
Coil
Type
Standard
High sensitive
Nominal operating power
400 mW
200 mW
Characteristics
Max. operating speed
(at rated load)
20 cpm
Initial insulation resistance*1
Min. 1,000 M
Ω (at 500 V DC)
Initial breakdown
voltage*2
Between open
contacts
1,000 Vrms for 1 min.
Between con-
tacts and coil
4,000 Vrms for 1 min.
Initial surge voltage between contact
and coil*3
Min. 10,000 V
Operate time*4
(at nominal voltage) (at 20°C 68°F)
Max. 20ms
Release time (with diode)*4
(at nominal voltage) (at 20
°C 68°F)
Max. 20ms
Max. 25ms
(200 mW type)
Temperature rise (at nominal voltage)
(resistance method, contact current
16 A, 20
°C 68°F)
Max. 55
°C
Max. 45
°C
(200 mW type)
Shock resistance
Functional*5
Min. 200 m/s2{20 G}
Destructive*6
Min. 1,000 m/s2{100 G}
Vibration
resistance
Functional*7
10 to 55Hz
at double amplitude of 1.5mm
Destructive
10 to 55Hz
at double amplitude of 1.5mm
Conditions for operation,
transport and storage*8
(Not freezing and condens-
ing at low temperature)
Ambient temp.
–40
°C to +85°C
–40°F to +185°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 17 g .60 oz
SPECIFICATIONS
TYPICAL APPLICATIONS
• Microwave ovens
• Refrigerators
• OA equipment
FEATURES
ORDERING INFORMATION
2B
12
1
A
Ex.
Contact arrangement
1: 1 Form A
7: 1 Form A
(200 mW)
LE
Product name
LE
UL/CSA, TÜV, VDE approved type is standard.
Note: Standard packing; Carton: 100 pcs. Case 500 pcs.
B: Class B insulation
F: Class F insulation
Coil insulation class
2: TMP type/PCB side three terminals
(includes one dummy terminal)
3: TMP type/PCB side three terminals
4: TMP type/PCB side four terminals
5: PCB type (No tab terminals)
Terminal shape
05: 5
06: 6
09: 9
12: 12
18: 18
24: 24
48: 48
Coil voltage, V DC
1. Ideal for magnetron and heater
loads
2. Excellent heat resistance
• This satisfies UL coil insulation class B/
class F available
3. High insulation resistance
• Creepage distance and clearances be-
tween contact and coil: Min. 8 mm .315
inch
• Surge withstand voltage: Min. 10,000V
4. Low operating power
• Nominal operating power: 400mW/
200mW (High sensitive type)
5. A wide variety of types
• Product line consists of 4 types with dif-
ferent shapes and pins
6. Conforms to the various safety
standards:
• UL/CSA, TÜV, VDE approved and
SEMKO available
VDE
12.4
.488
24.9
.980
28.6
1.126
12.4
.488
24.9
.980
28.6
1.126
mm inch


Similar Part No. - ALE74F05

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALE74F05 PANASONIC-ALE74F05 Datasheet
94Kb / 5P
   1a 16A power relay for micro wave oven Microwave ovens Refrigerators
More results

Similar Description - ALE74F05

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALE12B05 PANASONIC-ALE12B05 Datasheet
94Kb / 5P
   1a 16A power relay for micro wave oven Microwave ovens Refrigerators
logo
SiPower Inc.
2CL4509 SIPOWER-2CL4509 Datasheet
32Kb / 2P
   High Voltage Diodes for Micro-Wave Oven
logo
DONGGUAN YOU FENG WEI E...
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
logo
Shanghai Shunye Electro...
2CL3509H SY-2CL3509H Datasheet
1Mb / 2P
   High Voltage Silicon Diode for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com