Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT1403DR Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVT1403DR
Description  3.3V combined 8-bit bus receiver and 4-bit bus driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT1403DR Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT1403DR Datasheet HTML 1Page - NXP Semiconductors 74LVT1403DR Datasheet HTML 2Page - NXP Semiconductors 74LVT1403DR Datasheet HTML 3Page - NXP Semiconductors 74LVT1403DR Datasheet HTML 4Page - NXP Semiconductors 74LVT1403DR Datasheet HTML 5Page - NXP Semiconductors 74LVT1403DR Datasheet HTML 6Page - NXP Semiconductors 74LVT1403DR Datasheet HTML 7Page - NXP Semiconductors 74LVT1403DR Datasheet HTML 8Page - NXP Semiconductors 74LVT1403DR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT1403
3.3V combined 8-bit bus receiver
and 4-bit bus driver
1998 Nov 12
4
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
VI
DC input voltage3
–0.5 to +7.0
V
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +7.0
V
DYn DC output current
Output in Low state
128
mA
IO
DYn DC output current
Output in High state
–64
mA
IOUT
RYnDCoutput current
Output in Low state
–32
mA
RYn DC output current
Output in High state
64
mA
IIK
DC input diode current
VI < 0
–50
mA
IOK
DC output diode current
VO < 0
–50
mA
Tstg
Storage temperature range
–65 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
IO
High level output current
DYn
–32
mA
IOH
High-level output current
RYn
–20
mA
Low level output current
DYn
32
mA
IOL
Low-level output current
RYn
32
mA
Low-level output current; current duty cycle
≤ 50%, f ≥ 1kHz
DYn
64
mA
∆t/∆V
Input transition rise or fall rate; Outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C


Similar Part No. - 74LVT1403DR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT1403DR NEXPERIA-74LVT1403DR Datasheet
199Kb / 11P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
More results

Similar Description - 74LVT1403DR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT1403 NEXPERIA-74LVT1403 Datasheet
199Kb / 11P
   3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
NEC
UPD71087 NEC-UPD71087 Datasheet
133Kb / 4P
   8-Bit Bus Buffer/Driver
logo
Integrated Device Techn...
IDT74ALVC162334 IDT-IDT74ALVC162334 Datasheet
92Kb / 6P
   3.3V CMOS 16-BIT UNIVERSAL BUS DRIVER
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
logo
Intel Corporation
M8216 INTEL-M8216 Datasheet
111Kb / 2P
   4-BIT PARALLEL BIDIRECTIONAL BUS DRIVER
logo
Holt Integrated Circuit...
HI-6010 HOLTIC-HI-6010 Datasheet
382Kb / 12P
   ARINC 429 TRANSMITTER/RECEIVER FOR 8 BIT BUS
HI-6010 HOLTIC-HI-6010_06 Datasheet
115Kb / 12P
   ARINC 429 TRANSMITTER/RECEIVER FOR 8 BIT BUS
logo
Vishay Siliconix
SI9200 VISHAY-SI9200 Datasheet
121Kb / 6P
   CAN Bus Driver and Receiver
Rev. D, 16-May-11
SI9200EY VISHAY-SI9200EY Datasheet
69Kb / 4P
   CAN Bus Driver and Receiver
Rev. B, 27-Sep-96
SI9200 VISHAY-SI9200_V01 Datasheet
135Kb / 6P
   CAN Bus Driver and Receiver
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com