Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP3-TM-DC24V Datasheet(PDF) 6 Page - Nais(Matsushita Electric Works)

Part # HP3-TM-DC24V
Description  10 AMP POWER RELAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HP3-TM-DC24V Datasheet(HTML) 6 Page - Nais(Matsushita Electric Works)

Back Button HP3-TM-DC24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HP3-TM-DC24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HP3-TM-DC24V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HP3-TM-DC24V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HP3-TM-DC24V Datasheet HTML 6Page - Nais(Matsushita Electric Works) HP3-TM-DC24V Datasheet HTML 7Page - Nais(Matsushita Electric Works) HP3-TM-DC24V Datasheet HTML 8Page - Nais(Matsushita Electric Works) HP3-TM-DC24V Datasheet HTML 9Page - Nais(Matsushita Electric Works) HP3-TM-DC24V Datasheet HTML 10Page - Nais(Matsushita Electric Works) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HP
416
ACCESSORIES
Please refer to "MOUNTING METHODS" for further information.
UL, CSA recognized except BRACKET and INSERTING PLATE.
HP
Relay
Solder terminal socket
for rectangular hold boring
(with hold-down clip)
Screw terminal socket
for DIN rail assembly
(with hold-down clip)
For HP2, HP4
HP2
HP2-SRS
(UL, CSA, VDE)
HP2-SFD
(UL, CSA)
HP-BRACKET
for direct mounting
HP3
HP3-SRS
(UL, CSA, VDE)
HP3-SFD
(UL, CSA, VDE)
HP INSERTION PLATE for P/C
board mounting
HP4
HP4-SRS
(UL, CSA)
HP4-SFD
(UL, CSA)
DIMENSIONS AND WIRING DIAGRAM
HP2 (2 Form C) Plug-in terminal types
0.5
.020
44
1.732
51
2.008
5
.197
5
.197
8
.315
25
.984
15
.591
0.8 .031
5.26
.207
10
.394
5.26 .207
36
1.417
9.5 .374
7.5 .295
5.8 .228
5.3 .209
Accepts
Faston 205
Circuit diagram
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
mm inch


Similar Part No. - HP3-TM-DC24V

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
HP3-T015-B CTS-HP3-T015-B Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3-T015-CB CTS-HP3-T015-CB Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3-T015-U CTS-HP3-T015-U Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3-T03-33B CTS-HP3-T03-33B Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3-T03-33CB CTS-HP3-T03-33CB Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
More results

Similar Description - HP3-TM-DC24V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com