Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP2-M-DC110V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # HP2-M-DC110V
Description  10 AMP POWER RELAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HP2-M-DC110V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  HP2-M-DC110V Datasheet HTML 1Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 6Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 7Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 8Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 9Page - Nais(Matsushita Electric Works) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HP
414
AC TYPE (50/60 Hz) at 60 Hz, 20
°C 68°F
3. Top Mounting (TM) and direct mounting (M) type
DC TYPES at 20
°C 68°F
AC TYPE (50/60 Hz) at 60 Hz, 20
°C 68°F
Type
Part No.
Nominal coil
voltage,
V AC
Pick-up
voltage,
V AC (max.)
Drop-out
voltage,
V AC (min.)
Max.
allowable
voltage,
V AC
Inductance,
H
Nominal coil
current,
mA
Nominal
operating
power,
VA
2 Form C
LED
HP2-L-AC6V
6
4.8
1.8
6.6
0.049
310
1.9
HP2-L-AC12V
12
9.6
3.6
13.2
0.190
160
1.9
HP2-L-AC24V
24
19.2
7.2
26.4
0.776
78
1.9
Neon lamp
HP2-L-AC115V
115
92
34.5
126.5
15.83
18
2.1
HP2-L-AC220V
220
176
66
242
57.90
9.5
2.1
HP2-L-AC240V
240
192
72
264
66.26
9.0
2.2
3 Form C
LED
HP3-L-AC6V
6
4.8
1.8
6.6
0.030
520
3.1
HP3-L-AC12V
12
9.6
3.6
13.2
0.119
260
3.1
HP3-L-AC24V
24
19.2
7.2
26.4
0.475
130
3.1
Neon lamp
HP3-L-AC115V
115
92
34.5
126.5
10.36
28.5
3.3
HP3-L-AC220V
220
176
66
242
39.32
14.2
3.1
HP3-L-AC240V
240
192
72
264
44.05
13.9
3.3
4 Form C
LED
HP4-L-AC6V
6
4.8
1.8
6.6
0.019
800
4.8
HP4-L-AC12V
12
9.6
3.6
13.2
0.077
400
4.8
HP4-L-AC24V
24
19.2
7.2
26.4
0.309
200
4.8
Neon lamp
HP4-L-AC115V
115
92
34.5
126.5
6.953
42
4.8
HP4-L-AC220V
220
176
66
242
26.57
21
4.6
HP4-L-AC240V
240
192
72
264
29.75
20.5
4.9
Type
Part No.
Nominal coil
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Max.
allowable
voltage,
V DC
Coil
resistance,
Ω (±10%)
Nominal coil
current,
mA
Nominal
operating
power,
W
2 Form C
Top Mounting Type (TM)
HP2-TM-DC6V
6
4.8
0.9
6.6
25
240
1.5
HP2-TM-DC12V
12
9.6
1.8
13.2
110
109
1.3
HP2-TM-DC24V
24
19.2
3.6
26.4
440
54.5
1.3
HP2-TM-DC48V
48
38.4
7.2
52.8
1,800
26.7
1.3
HP2-TM-DC110V
110
88
16.5
121
7,300
15.0
1.7
3 Form C
Direct Mounting Type (TM)
HP3-M-DC6V
6
4.8
0.9
6.6
24
250
1.5
HP3-M-DC12V
12
9.6
1.8
13.2
100
120
1.4
HP3-M-DC24V
24
19.2
3.6
26.4
400
60
1.4
HP3-M-DC48V
48
38.4
7.2
52.8
1$B!"(J560
31
1.5
HP3-M-DC110V
110
88
16.5
121
7,450
14.9
1.6
Type
Part No.
Nominal coil
voltage,
V AC
Pick-up
voltage,
V AC (max.)
Drop-out
voltage,
V AC (min.)
Max.
allowable
voltage,
V AC
Inductance,
H
Nominal coil
current,
mA
Nominal
operating
power,
VA
2 Form C
Top Mounting Type (TM)
HP2-TM-AC6V
6
4.8
1.8
6.6
0.049
310
1.9
HP2-TM-AC12V
12
9.6
3.6
13.2
0.190
160
1.9
HP2-TM-AC24V
24
19.2
7.2
26.4
0.776
78
1.9
HP2-TM-AC48V
48
38.4
14.4
52.8
3.106
39
1.9
HP2-TM-AC115V
115
92
34.5
126.5
15.83
18
2.1
HP2-TM-AC220V
220
176
66
242
57.90
9.5
2.1
HP2-TM-AC240V
240
192
72
264
66.26
9.0
2.2
3 Form C
Direct Mounting Type (M)
HP3-M-AC6V
6
4.8
1.8
6.6
0.030
520
3.1
HP3-M-AC12V
12
9.6
3.6
13.2
0.119
260
3.1
HP3-M-AC24V
24
19.2
7.2
26.4
0.475
130
3.1
HP3-M-AC48V
48
38.4
14.4
52.8
1.899
65
3.1
HP3-M-AC115V
115
92
34.5
126.5
10.36
28.5
3.3
HP3-M-AC220V
220
176
66
242
39.32
14.2
3.1
HP3-M-AC240V
240
192
72
264
44.05
13.9
3.3


Similar Part No. - HP2-M-DC110V

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP2-0066L COILCRAFT-HP2-0066L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP2-0066L COILCRAFT-HP2-0066L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP2-0083L COILCRAFT-HP2-0083L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP2-0083L COILCRAFT-HP2-0083L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP2-0116L COILCRAFT-HP2-0116L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP2-M-DC110V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com