Electronic Components Datasheet Search |
|
HP3-TM-AC24V Datasheet(PDF) 7 Page - Nais(Matsushita Electric Works) |
|
HP3-TM-AC24V Datasheet(HTML) 7 Page - Nais(Matsushita Electric Works) |
7 / 11 page HP 417 HP2-SRS (with hold-down clip) Optimum space-saving panel cut-out. Can be mounted from either the front or the rear of the panel. 5 .197 5 .197 22 .866 4.1 .161 6.2 .244 1.0 .039 6 .236 30 1.181 56 2.205 48 ±0.2 1.890 ±.008 38 1.496 33 1.299 5.5 .217 13 .512 Front surface-mounting Rear surface-mounting 48 ±0.5 1.890 ±.020 34 +1 –0 1.339+0.39 –0 24 +0.1 –0 .945 +.004 –0 4.2 ±0.1 DIA. HOLE or 4 mm SCREW HOLE .165 ±.004 DIA. HOLE 48 ±0.5 1.890 ±.020 39 1.535 31 1.220 4.2 ±0.1 DIA. HOLE or 4 mm SCREW HOLE .165 ±.004 DIA. HOLE 57.9 ±3 2.280 ±.118 HOLD-DOWN CLIP HP RELAY HP SOCKET 4 mm SCREW SPRING WASHER PANEL HOLD-DOWN CLIP HP RELAY HP SOCKET 4 mm SCREW SPRING WASHER PANEL 13 .512 56.9 ±3 2.240 ±.118 14 .551 mm inch HP2-SFD (with hold-down clip) Front wiring in restricted space 23.8±0.6 .937±.024 HOLD DOWN CLIP HP2 RELAY Installation screw block (installation screw, hexagonal nut, spring washer) 5.8±0.2 .228±.008 7.5±0.2 .295±.008 9.5±0.2 .374±.008 4.1±0.3 .161±.012 6±0.3 .236±.012 35.4±0.5 1.394±.020 0.6±0.15 .024±.006 10±0.2 .394±.008 22±0.6 .866±.024 15±0.2 .591±.008 80±1 3.150±.039 10±0.6 .394±.024 37.9±0.6 1.492±.024 33.8±0.6 1.331±.024 Max. 85 3.346 Max. 89 3.504 58±1 2.283±.039 36±1 1.417±.039 69±1 2.717±.039 Mounting dimensions Note: Hold down clip and installation screw block are included in package. Panel hole dimensions for side-by-side installation 12 .472 22±0.2 .866±.008 22±0.2 .866±.008 30 1.181 30 1.181 4 .157 69±0.5 2.717±.020 80 3.150 2-M4 .157 SCREW HOLE or 4.2±0.1 .165±.004 DIA. HOLE HP2-TM (2 Form C) Top mounting types 2.8 .110 46.8 1.843 24.7 .972 0.8 .031 0.8 .031 45.5 1.791 35.7 1.406 5.26 .207 5.26 .207 4.5 .177 10 .394 9.5 .374 5.5 .217 7.5 .295 5.8 .228 5.3 .209 2.25R .089R 58 2.283 25 .984 15 .591 7 .276 Accepts Faston 205 Circuit diagram Mounting dimensions 52.3 2.059 35.7 1.406 4 mm SCREW or 8-32 NC-2 SCREW SCREW WASHER PANEL 45.5 1.791 2 .079 30 1.181 4.5 ±0.1 DIA. HOLE or 4 mm SCREW HOLE .117 ±.004 DIA. HOLE Dimension : General tolerance Max. 2mm .079 inch: ±0.2 ±.008 2 to 9mm .079 to .354 inch: ±0.5 ±.020 9 to 20mm .354 to .787 inch: ±1.0 ±.039 Min. 20mm .787 inch: ±1.5 ±.059 Dimension : General tolerance Max. 2mm .079 inch: ±0.2 ±.008 2 to 9mm .079 to .354 inch: ±0.5 ±.020 9 to 20mm .354 to .787 inch: ±1.0 ±.039 Min. 20mm .787 inch: ±1.5 ±.059 Dimension : General tolerance Max. 2mm .079 inch: ±0.2 ±.008 2 to 9mm .079 to .354 inch: ±0.5 ±.020 9 to 20mm .354 to .787 inch: ±1.0 ±.039 Min. 20mm .787 inch: ±1.5 ±.059 |
Similar Part No. - HP3-TM-AC24V |
|
Similar Description - HP3-TM-AC24V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |