Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP2-M-AC48V Datasheet(PDF) 8 Page - Nais(Matsushita Electric Works)

Part # HP2-M-AC48V
Description  10 AMP POWER RELAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HP2-M-AC48V Datasheet(HTML) 8 Page - Nais(Matsushita Electric Works)

Back Button HP2-M-AC48V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HP2-M-AC48V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HP2-M-AC48V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HP2-M-AC48V Datasheet HTML 6Page - Nais(Matsushita Electric Works) HP2-M-AC48V Datasheet HTML 7Page - Nais(Matsushita Electric Works) HP2-M-AC48V Datasheet HTML 8Page - Nais(Matsushita Electric Works) HP2-M-AC48V Datasheet HTML 9Page - Nais(Matsushita Electric Works) HP2-M-AC48V Datasheet HTML 10Page - Nais(Matsushita Electric Works) HP2-M-AC48V Datasheet HTML 11Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HP
418
HP3 (3 Form C) Plug-in terminal types
38
1.496
0.5
.020
44
1.732
3
.118
5
.197
7
.276
36
1.417
4.75
.187
11
.433
11
.433
38
1.496
0.5
.020
2
.079
2
.079
4
.157
36
1.417
5.75
.226
5.5
.217
8.5
.335
7.65
.301
4.1
.161
5
.197
8
.315
5
.197
Accepts
Faston 187
Circuit diagram
mm inch
HP3-SRS (with hold-down clip)
Optimum space-saving panel cut-out.
Can be mounted from either the front or
the rear of the panel.
22.23
.875
56
2.205
0.6
.024
7.65
.301
2.75
.108
8.5
.335
38
1.496
22
.866
42.95
1.691
4.1
.161
3.5
.138
5
.197
5
.197
3.5
.138
6.2
.244
48±0.2
1.890±.008
Lot No.
45
1.772
14.5
.571
4.2+
0.2
−0
dia.
.165+
.008
−0
dia.
11
.433
11
.433
8
.315
1
.039
5.5
.217
30
1.181
5.5
.217
Front surface-mounting
Rear surface-mounting
48
±0.5
1.890
±.020
31+1
–0
1.220+0.39
–0
31+1
–0
1.220+.039
–0
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
48
±0.5
1.890
±.020
39+1
–0
1.535+.039
–0
46+1
–0
1.811+.039
–0
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
3.5
.138
30
1.181
40±0.3
1.575±.012
52±0.3
2.047±.012
HOLD DOWN CLIP
HP RELAY
HP3-SFD (with hold-down clip)
Front wiring in restricted space
Note: Hold down clip and installation screw block are included in package.
69±1
2.717±.039
80±1
3.150±.039
HOLD DOWN CLIP
HP3 RELAY
35.4±0.5
1.394±.020
58±1
2.283±.039
36±1
1.417±.039
6±0.3
.236±.012
37±0.6
1.457±.024
4.1±0.3
.161±.012
22±0.2
.866±.008
5.5±0.2
.217±.008
8.5±0.2
.335±.008
7.65±0.2
.301±.008
1.75±0.15
.069±.006
Max. 85 3.346
Max. 89 3.504
10±0.6
.394±.024
33.8±0.6
1.331±.024
37.9±0.6
1.492±.024
23.8±0.6
.937±.024
Installation screw
block
(installation screw,
hexagonal nut,
spring washer)
Mounting dimensions
12
.472
37±0.2
1.457±.008
37±0.2
1.457±.008
2-M4 .157
SCREW HOLE or
4.2±0.1 .165±.004
DIA. HOLE
Panel hole dimensions
for side-by-side installation
45
1.772
45
1.772
4 .157
69±0.5
2.717±.020
80
3.150
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059


Similar Part No. - HP2-M-AC48V

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP2-0066L COILCRAFT-HP2-0066L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP2-0066L COILCRAFT-HP2-0066L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP2-0083L COILCRAFT-HP2-0083L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP2-0083L COILCRAFT-HP2-0083L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP2-0116L COILCRAFT-HP2-0116L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP2-M-AC48V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com