Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE1A1B-L-7 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # DE1A1B-L-7
Description  COMPACT HIGH-INSULATION POLARIZED POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DE1A1B-L-7 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  DE1A1B-L-7 Datasheet HTML 1Page - Nais(Matsushita Electric Works) DE1A1B-L-7 Datasheet HTML 2Page - Nais(Matsushita Electric Works) DE1A1B-L-7 Datasheet HTML 3Page - Nais(Matsushita Electric Works) DE1A1B-L-7 Datasheet HTML 4Page - Nais(Matsushita Electric Works) DE1A1B-L-7 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DE
244
DE RELAYS
COMPACT HIGH-INSULATION
POLARIZED POWER RELAY
VDE
mm inch
12.5
.492
25.0
.984
12.5
.492
FEATURES
• Conforms to VDE0631.
Insulating distance between coil and
contacts:
Clearance Min. 8mm .315 inch
Creepage distance Min. 8mm .315 inch
• Extensive product line-up.
• High inrush current capability
Surge voltage between contact and coil
12 kV
• Low operating power
Nominal operating power at 200 mW
(Single side stable, 2 coil latching)
• Compact body saves space
Size: 12.5(W)
× 25.0(L) × 12.5(H) mm
.492(W)
× .984(L) × .492(H) inch
• UL/CSA, VDE approved
SPECIFICATIONS
Contact
Coil (at 20
°C, 68°F)
Characteristics
Arrangement
1 Form A
1 Form A
1 Form B
2 Form A
Contact material
Silver alloy
Initial contact resistance,
max. (By voltage drop
6V DC 1A)
30m
Rating
(resistive
load)
Nominal
switching
capacity
10A 250V AC,
10A 30V DC
8A 250V AC,
8A 30V DC
8A 250V AC,
8A 30V DC
Max.
switching
power
2,500 VA,
300W
2,000 VA,
240W
2,000 VA,
240W
Max.
switching
voltage
440V AC,
230V DC
440V AC,
230V DC
440V AC,
230V DC
Max.
switching
current
10A
8A
8A
Expected
life (min.
operations)
Mechanical
(at 300cpm)
107
Electrical
(at 20 cpm)
(resistive load)
105
105(AC)
5
× 104(DC)
Nominal operating power
Single side stable
200 mW
1 coil latching
100 mW
2 coil latching
200 mW
Max. operating speed
20 cpm (at rated load)
Initial insulation resistance*1
Min. 1,000 M
(at 500 V DC)
Initial
breakdown
voltage*2
Between open contacts
1,000 Vrms
Between contact sets
4,000 Vrms (2 Form A,
1 Form A 1 Form B)
Between contact and coil
5,000 Vrms
Surge voltage between contact and coil*3
Min. 12,000 V (initial)
Operate time [Set time]*4
Max. 10ms (typ. 5ms)
[Max. 10ms (typ. 4ms)]
(at 20
°C 68°F)
Release time (without diode) [Reset time]*4
Max. 5ms (typ. 2ms)
[Max. 10ms (typ. 4ms)]
(at 20
°C 68°F)
Temperature rise (at 70
°C)*5
Max. 50
°C
Shock resistance
Functional*6
Min. 196 m/s2{20 G}
Destructive*7
Min. 980 m/s2{100 G}
Vibration resistance
Functional*8
10 to 55 Hz at double
amplitude of 2 mm
Destructive
10 to 55 Hz at double
amplitude of 3 mm
Conditions for operation,
transport and storage*9
(Not freezing and condens-
ing at low temperature)
Ambient temp.
–40
°C to 70°C
–40
°F to 158°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 7 g .25 oz
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section.
*2 Detection current: 10mA
*3 Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981
*4 Nominal operating voltage applied to the coil, excluding contact bounce time.
*5 By resistive method
*6 Half-wave pulse of sine wave: 11ms, detection time: 10ms.
*7 Half-wave pulse of sine wave: 6ms
*8 Detection time: 10ms
*9 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
TYPICAL
APPLICATIONS
• Temperature controller
• Automatic meter reading
• OA equipment
• FA equipment
ORDERING INFORMATION
1a
L
3
V
DE
Ex.
Contact arrangement
1a: 1 Form A
1a1b: 1 Form A 1 Form B
2a: 2 Form A
Product name
DE
Note: Standard packing; Carton(tube package): 50 pcs. Case 500 pcs.
UL/CSA, VDE approved type is standard.
Nil: Single side stable
L: 1 coil latching
L2: 2 coil latching
1: 3
2: 6
3: 12
4: 24
6: 4.5
7: 9
9: 5
Operating function
Coil voltage, V DC


Similar Part No. - DE1A1B-L-7

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DE1A1B-L-3V PANASONIC-DE1A1B-L-3V Datasheet
1Mb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
More results

Similar Description - DE1A1B-L-7

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DE1A1B-L-3V PANASONIC-DE1A1B-L-3V Datasheet
1Mb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
Fujitsu Component Limit...
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
logo
American Zettler, Inc.
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com