Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD15VL1BA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PESD15VL1BA
Description  Low capacitance bidirectional ESD protection diodes in
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD15VL1BA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD15VL1BA Datasheet HTML 4Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 5Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 6Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 7Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 8Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 9Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 10Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 11Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
9397 750 13595
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 4 October 2004
8 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
(1) PESD3V3L1BA; PESD5V0L1BA.
For PESD12VL1BA, PESD15VL1BA and PESD24VL1BA, IRM < 20 nA at 150 °C.
Fig 7.
Relative variation of reverse leakage current as a function of junction temperature; typical values.
006aaa069
1
10
10−1
Tj (°C)
−100
150
100
050
−50
IRM
IRM(25°C)
(1)


Similar Part No. - PESD15VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VL1BA NXP-PESD15VL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD15VL1BA NXP-PESD15VL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
13 April 2023
logo
Guangdong Youtai Semico...
PESD15VL1BA UMW-PESD15VL1BA Datasheet
286Kb / 4P
   Solid-state silicon-avalanche technology
logo
Nexperia B.V. All right...
PESD15VL1BA-Q NEXPERIA-PESD15VL1BA-Q Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
19 May 2022
More results

Similar Description - PESD15VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL1BA NXP-PESDXL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
logo
Nexperia B.V. All right...
PESD5V0S1BA-V01 NEXPERIA-PESD5V0S1BA-V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESDXL2BT PHILIPS-PESDXL2BT Datasheet
179Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
logo
Nexperia B.V. All right...
PESDXL2BT_SER NEXPERIA-PESDXL2BT_SER Datasheet
748Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com