Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALE12F48 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ALE12F48
Description  16A Power Relay For Micro wave oven
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALE12F48 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ALE12F48 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALE12F48 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALE12F48 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ALE12F48 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
45
LE
6.0
.236
0.5
.020
4.75
.187
2.45
.096
1.0
.039
1.0
.039
1.8
.071
3.5
.138
0.5
.020
0.4
.016
24.9
.980
28.6
1.126
20.0
.787
3.5
.138
6.35
.250 8.5
.335
7.5
.295
12.4
.488
#187 terminal
Dimension:
Max. 1mm .039 inch:
1 to 3mm .039 to .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
Com
No
Coil
Schematic (Bottom view)
20.0
.787
3.5
.138
4-1.3 dia
.071 dia
7.5
.295
PC board pattern (Bottom view)
Tolerance :
±0.1 ±.004
mm inch
PCB side four terminals
PCB side three terminals
4.75
.187
2.45
.096
1.0
.039
0.8
.031
1.8
.071
0.4
.016
0.5
.020
0.5
.020
6.0
.236
3.5
.138
28.6
1.126
23.5
.925
6.35
.250 8.5
.335
7.5
.295
12.4
.488
#187 terminal
Dimension:
Max. 1mm .039 inch:
1 to 3mm .039 to .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
24.9
.980
Com
No
Coil
Schematic (Bottom view)
23.5
.925
3-1.3 dia
.051 dia
7.5
.295
PC board pattern (Bottom view)
Tolerance :
±0.1 ±.004
mm inch
mm inch
DIMENSIONS
1. TMP type
PCB side three terminals
(includes one dummy terminal)
No
Com
Coil
Schematic (Bottom view)
6.0
.236
#187 terminal
0.5
.020
4.75
.187
1.5
.059
0.8
.031
7.5
.295
12.4
.488
2.45
.096
0.8
.031
0.8
.031
Dimension:
Max. 1mm .039 inch:
1 to 3mm .039 to .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
0.4
.016
1.8
.071
3.5
.138
28.6
1.126
26.0
1.024
24.9
.980
6.35
.250 8.5
.335
26.0
1.024
2-1.3 dia
.051 dia
PC board pattern (Bottom view)
Tolerance :
±0.1 ±.004
1.8 dia
.071 dia
7.5
.295


Similar Part No. - ALE12F48

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALE12F48 PANASONIC-ALE12F48 Datasheet
94Kb / 5P
   1a 16A power relay for micro wave oven Microwave ovens Refrigerators
More results

Similar Description - ALE12F48

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALE12B05 PANASONIC-ALE12B05 Datasheet
94Kb / 5P
   1a 16A power relay for micro wave oven Microwave ovens Refrigerators
logo
SiPower Inc.
2CL4509 SIPOWER-2CL4509 Datasheet
32Kb / 2P
   High Voltage Diodes for Micro-Wave Oven
logo
DONGGUAN YOU FENG WEI E...
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
logo
Shanghai Shunye Electro...
2CL3509H SY-2CL3509H Datasheet
1Mb / 2P
   High Voltage Silicon Diode for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com