Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16374ADGG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVT16374ADGG
Description  3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16374ADGG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT16374ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 9Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVT16374A
3.3V 16-bit edge-triggered D-type flip-flop
(3-State)
1999 Oct 18
6
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = -40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
fmax
Maximum clock frequency
1
150
MHz
tPLH
tPHL
Propagation delay
nCP to nQx
1
1.5
1.5
2.9
3.0
5.0
5.0
5.6
5.6
ns
tPZH
tPZL
Output enable time
to High and Low level
3
4
1.5
1.5
3.2
3.0
4.8
4.6
6.0
5.2
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
3
4
1.5
1.5
3.9
3.4
5.4
4.6
6.0
5.0
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = -40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP
MIN
tS(H)
tS(L)
Setup time
nDx to nCP
2
2.5
2.5
0.7
0.7
2.5
2.5
ns
th(H)
th(L)
Hold time
nDx to nCP
2
0.5
0.5
0
0
0
0
ns
tW(H)
tw(L)
nCP pulse width
High or Low
1
1.5
3.0
0.6
1.6
1.5
3.0
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
VM
VM
VM
VM
tw(H)
tPHL
tPLH
nCP
nQx
SW00020
2.7V
0V
VOH
VOL
1/fMAX
tW(L)
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
NOTE: The shaded areas indicate when the input is per-
mitted to change for predictable output performance.
VM
nDx
VM
VM
VM
VM
nCP
ts(H)
th(H)
ts(L)
th(L)
SW00021
VM
2.7V
0V
2.7V
0V
Waveform 2. Data Setup and Hold Times
nOE
VM
tPZH
tPHZ
0V
nQx
VM
VM
SW00014
2.7V
0V
VOH -0.3V
VOH
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
nOE
tPZL
tPLZ
0V
nQx
VM
VM
VM
SW00015
2.7V
3V
VOL
VOL +0.3V
Waveform 4. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Similar Part No. - 74LVT16374ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16374ADGG NXP-74LVT16374ADGG Datasheet
187Kb / 19P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 07-22 March 2010
logo
Nexperia B.V. All right...
74LVT16374ADGG NEXPERIA-74LVT16374ADGG Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
More results

Similar Description - 74LVT16374ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT162374 PHILIPS-74LVT162374 Datasheet
120Kb / 12P
   3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Rev. 03-17 January 2005
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
74ALVT16374 PHILIPS-74ALVT16374 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Integrated Device Techn...
IDT74LVC16374A IDT-IDT74LVC16374A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com