Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5324DXXXB Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R5324DXXXB
Description  CMOS 3CH-LDOs for RF Unit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5324DXXXB Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R5324DXXXB Datasheet HTML 6Page - RICOH electronics devices division R5324DXXXB Datasheet HTML 7Page - RICOH electronics devices division R5324DXXXB Datasheet HTML 8Page - RICOH electronics devices division R5324DXXXB Datasheet HTML 9Page - RICOH electronics devices division R5324DXXXB Datasheet HTML 10Page - RICOH electronics devices division R5324DXXXB Datasheet HTML 11Page - RICOH electronics devices division R5324DXXXB Datasheet HTML 12Page - RICOH electronics devices division R5324DXXXB Datasheet HTML 13Page - RICOH electronics devices division R5324DXXXB Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
R5324D
10
VR3
Topt=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN-VOUT=1.0V
1mA≤IOUT≤30mA
×0.98
×1.02
V
IOUT
Output Current
VIN-VOUT=1.0V
100
mA
∆VOUT/∆IOUT Load Regulation
VIN-VOUT=1.0V
1mA≤IOUT≤100mA
820
mV
VDIF
Dropout Voltage
Refer to Electrical Characteristics by Dropout Voltage (VR3)
ISS
Supply Current
VIN-VOUT=1.0V
90
120
µA
Istandby
Supply Current (Standby)
VIN-VOUT=1.0V, VCE=GND
0.1
1.0
µA
∆VOUT/∆VIN Line Regulation
VOUT+0.5V≤VIN≤6V
IOUT=30mA
0.02
0.10
%/V
RR
Ripple Rejection
f=1kHz
f=10kHz
f=10kHz (VOUT≥2.5V)
sinusoidal Ripple 0.5Vp-p
VIN-VOUT=1.0V, IOUT=30mA
(VOUT≤1.7V
VIN-VOUT=1.2V)
70
65
60
dB
VIN
Input Voltage
2.0
6.0
V
∆VOUT/∆T
Output Voltage Temperature
Coefficient
IOUT=30mA
-40°C≤Topt≤85°C
±100
ppm
/°C
ILIM
Short Current Limit
VOUT=0V
40
mA
RPD
CE Pull-down Resistance
0.7
2.0
5.0
MΩ
VCEH
CE Input Voltage “H”
1.5
VIN
V
VCEL
CE Input Voltage “L”
0.0
0.3
V
en
Output Noise
BW=10Hz~100kHz
30
µVrms
RLOW
On Resistance of Nch Tr. for
Auto-discharge (Applied to B
version)
VCE=0V
50


Similar Part No. - R5324DXXXB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001A RICOH-R5324D001A Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001B RICOH-R5324D001B Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D002A RICOH-R5324D002A Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D002B RICOH-R5324D002B Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
More results

Similar Description - R5324DXXXB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D_07 Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
logo
RICOH electronics devic...
R5320X RICOH-R5320X Datasheet
288Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523G3T1G ONSEMI-NCP4523G3T1G Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
logo
RICOH electronics devic...
R5321D RICOH-R5321D Datasheet
406Kb / 22P
   CMOS 2ch-LDOs for RF Unit
R5320G RICOH-R5320G Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
logo
Rohm
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
logo
Semtech Corporation
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com