Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C661X2BBD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P83C661X2BBD
Description  80C51 8-bit microcontroller family
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C661X2BBD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P83C661X2BBD Datasheet HTML 2Page - NXP Semiconductors P83C661X2BBD Datasheet HTML 3Page - NXP Semiconductors P83C661X2BBD Datasheet HTML 4Page - NXP Semiconductors P83C661X2BBD Datasheet HTML 5Page - NXP Semiconductors P83C661X2BBD Datasheet HTML 6Page - NXP Semiconductors P83C661X2BBD Datasheet HTML 7Page - NXP Semiconductors P83C661X2BBD Datasheet HTML 8Page - NXP Semiconductors P83C661X2BBD Datasheet HTML 9Page - NXP Semiconductors P83C661X2BBD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
Philips Semiconductors
Product data
P8xC660X2/661X2
80C51 8-bit microcontroller family 16 KB OTP/ROM, 512B
RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33
MHz), two 400KB I2C interfaces
2003 Oct 02
6
LOGIC SYMBOL
ADDRESS AND
DATA BUS
ADDRESS BUS
T2
T2EX
RxD
TxD
INT0
INT1
CEX3/T0
CEX4/T1
WR
RD
RST
EA/VPP
PSEN
ALE/PROG
VSS
VCC
XTAL1
XTAL2
SU01736
CEX0
CEX1
CEX2
SCL0
SDA0
SCL1
SDA1
PINNING
Plastic Leaded Chip Carrier
P8xC660X2/661X2
61
40
7
17
39
29
18
28
Pin
Function
1
NIC1 (8xC660)/
SDA13 (8xC661)
2
P1.0/T2
3
P1.1/T2EX
4
P1.2/ECI
5
P1.3/CEX0
6
P1.4/CEX1
7
P1.5/CEX2
8
P1.6/SCL0
9
P1.7/SDA0
10
RST
11
P3.0/RxD
12
VSS32
13
P3.1/TxD
14
P3.2/INT0
15
P3.3/INT1
Pin
Function
16
P3.4/T0/CEX3
17
P3.5/T1/CEX4
18
P3.6/WR
19
P3.7/RD
20
XTAL2
21
XTAL1
22
VSS1
23
NIC1 (8xC660)/
SCL13 (8xC661)
24
P2.0/A8
25
P2.1/A9
26
P2.2/A10
27
P2.3/A11
28
P2.4/A12
29
P2.5/A13
Pin
Function
30
P2.6/A14
31
P2.7/A15
32
PSEN
33
ALE
34
VSS22
35
EA/VPP
36
P0.7/AD7
37
P0.6/AD6
38
P0.5/AD5
39
P0.4/AD4
40
P0.3/AD3
41
P0.2/AD2
42
P0.1/AD1
43
P0.0/AD0
44
VCC
SU01737
1. No internal connection
2. May be left open, but it is recommended to connect VSS2 and
VSS3 to GND to improve EMC performance
3. P8xC661X2 devices only, these pins are open-drain and have
the same electrical characteristics as P1.6 and P1.7
Plastic Quad Flat Pack
P8xC660X2/661X2
44
34
1
11
33
23
12
22
SU01738
Pin
Function
1
P1.5/CEX2
2
P1.6/SCL0
3
P1.7/SDA0
4
RST
5
P3.0/RxD
6VSS32
7
P3.1/TxD
8
P3.2/INT0
9
P3.3/INT1
10
P3.4/T0/CEX3
11
P3.5/T1/CEX4
12
P3.6/WR
13
P3.7/RD
14
XTAL2
15
XTAL1
Pin
Function
16
VSS1
17
NIC1 (8xC660)/
SCL13 (8xC661)
18
P2.0/A8
19
P2.1/A9
20
P2.2/A10
21
P2.3/A11
22
P2.4/A12
23
P2.5/A13
24
P2.6/A14
25
P2.7/A15
26
PSEN
27
ALE
28
VSS22
29
EA/VPP
Pin
Function
30
P0.7/AD7
31
P0.6/AD6
32
P0.5/AD5
33
P0.4/AD4
34
P0.3/AD3
35
P0.2/AD2
36
P0.1/AD1
37
P0.0/AD0
38
VCC
39
NIC1 (8xC660)/
SDA13 (8xC661)
40
P1.0/T2
41
P1.1/T2EX
42
P1.2/ECI
43
P1.3/CEX0
44
P1.4/CEX1
1. No internal connection
2. May be left open, but it is recommended to connect VSS2 and
VSS3 to GND to improve EMC performance
3. P8xC661X2 devices only


Similar Part No. - P83C661X2BBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C661X2BBD NXP-P83C661X2BBD Datasheet
572Kb / 102P
   80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces
2003 Oct 02
More results

Similar Description - P83C661X2BBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
   80C51 8-bit microcontroller
2003 Apr 01
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com