Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16543 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVT16543
Description  3.3V LVT 16-bit registered transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16543 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVT16543 Datasheet HTML 1Page - NXP Semiconductors 74LVT16543 Datasheet HTML 2Page - NXP Semiconductors 74LVT16543 Datasheet HTML 3Page - NXP Semiconductors 74LVT16543 Datasheet HTML 4Page - NXP Semiconductors 74LVT16543 Datasheet HTML 5Page - NXP Semiconductors 74LVT16543 Datasheet HTML 6Page - NXP Semiconductors 74LVT16543 Datasheet HTML 7Page - NXP Semiconductors 74LVT16543 Datasheet HTML 8Page - NXP Semiconductors 74LVT16543 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LVT16543A
3.3V 16-bit registered transceiver (3-State)
2
1998 Feb 19
853–1764 18986
FEATURES
16-bit universal bus interface
3-State buffers
Output capability: +64mA/-32mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
Power-up 3-State
Power-up reset
No bus current loading when output is tied to 5V bus
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74LVT16543A is a high-performance BiCMOS product
designed for VCC operation at 3.3V. The device can be used as two
8-bit transceivers or one 16-bit transceiver.
The 74LVT16543A contains two sets of eight D-type latches, with
separate control pins for each set. Using data flow from A to B as an
example, when the A-to-B Enable (nEAB) input and the A-to-B Latch
Enable (nLEAB) input are Low, the A-to-B path is transparent.
A subsequent Low-to-High transition of the nLEAB signal puts the A
data into the latches where it is stored and the B outputs no longer
change with the A inputs. With nEAB and nOEAB both Low, the
3-State B output buffers are active and display the data present at
the outputs of the A latches.
Control of data flow from B to A is similar, but using the nEBA,
nLEBA, and nOEBA inputs.
Active bus-hold circuitry is provided to hold unused or floating data
inputs at a valid logic level.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
CL = 50pF;
VCC = 3.3V
2.2
ns
CIN
Input capacitance control pins
VI = 0V or 3.0V
3
pF
CI/O
I/O pin capacitance
Outputs disabled; VI/O = 0V or 3.0V
9
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74LVT16543A DL
VT16543A DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74LVT16543A DGG
VT16543A DGG
SOT364-1
LOGIC SYMBOL (IEEE/IEC)
∇ 9
11 D
5 D
56
54
55
1
3
2
5
29
26
27
28
31
30
6
8
9
10
12
13
14
52
51
49
48
47
45
44
15
16
17
19
20
21
23
43
24
42
41
40
38
37
36
34
33
∇ 3
1EN3 (BA)
G1
1C5
2EN4 (AB)
G2
2C6
6 D
4
7EN9 (BA)
G7
7C11
8EN10 (AB)
G8
8C12
12 D
10
SW00151


Similar Part No. - 74LVT16543

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
74LVT16543ADGG NEXPERIA-74LVT16543ADGG Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
Fairchild Semiconductor
74LVT16543MEA FAIRCHILD-74LVT16543MEA Datasheet
74Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
74LVT16543MTD FAIRCHILD-74LVT16543MTD Datasheet
74Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
More results

Similar Description - 74LVT16543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2952 PHILIPS-74LVT2952 Datasheet
102Kb / 12P
   3.3V LVT octal registered transceiver 3-State
1998 Feb 19
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
   2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT16244B PHILIPS-74LVT16244B Datasheet
80Kb / 10P
   3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com