Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT2244 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVT2244
Description  3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2244 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT2244 Datasheet HTML 1Page - NXP Semiconductors 74LVT2244 Datasheet HTML 2Page - NXP Semiconductors 74LVT2244 Datasheet HTML 3Page - NXP Semiconductors 74LVT2244 Datasheet HTML 4Page - NXP Semiconductors 74LVT2244 Datasheet HTML 5Page - NXP Semiconductors 74LVT2244 Datasheet HTML 6Page - NXP Semiconductors 74LVT2244 Datasheet HTML 7Page - NXP Semiconductors 74LVT2244 Datasheet HTML 8Page - NXP Semiconductors 74LVT2244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT2244
3.3V Octal buffer/line driver with 30
series termination resistors (3-State)
1998 Feb 19
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
IOH
High-level output current
–12
mA
IOL
Low-level output current
12
mA
∆t/∆v
Input transition rise or fall rate; outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = -40°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; II = –18mA
0.9
–1.2
V
VOH
High-level output voltage
VCC = 3V; IOH = –12mA
2
2.5
V
VOL
Low-level output voltage
VCC = 3V; IOL = 12mA
0.8
V
VCC = 0 or 3.6V; VI = 5.5V
1
10
II
Input leakage current
VCC = 3.6V; VI = VCC or GND
Control pins
±0.1
±1
µA
II
In ut leakage current
VCC = 3.6V; VI = VCC
Data pins4
0.1
1
µA
VCC = 3.6V; VI = 0
Data ins4
–1
-5
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
1
±100
µA
6
VCC = 3V; VI = 0.8V
75
150
IHOLD
Bus Hold current A inputs6
VCC = 3V; VI = 2.0V
–75
–150
µA
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
60
125
µA
IPU/PD
Power up/down 3-State
output current3
VCC = ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE = Don’t care
±1
±100
µA
IOZH
3-State output High current
VCC = 3.6V; VO = 3.0V
1
5
µA
IOZL
3-State output Low current
VCC = 3.6V; VO = 0.5V
–1
–5
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.12
0.19
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
3
12
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05
0.12
0.19
∆ICC
Additional supply current
per input pin2
VCC = 3.0 to 3.6V; One input at VCC -0.6V;
Other inputs at VCC or GND
0.1
0.2
mA
NOTES:
1. All typical values are at Tamb = 25°C.
2. This is the increase in supply current for each input at VCC –0.6V.
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 10% a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND
5. ICCZ is measured with outputs pulled to VCC or GND.
6. This is the bus hold overdrive current required to force the input to the opposite logic state.


Similar Part No. - 74LVT2244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT2244 FAIRCHILD-74LVT2244 Datasheet
94Kb / 7P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74LVT2244 NSC-74LVT2244 Datasheet
149Kb / 8P
   3.3V ABT Octal Buffer/Line Driver with TRI-STATE Outputs
logo
ON Semiconductor
74LVT2244 ONSEMI-74LVT2244 Datasheet
285Kb / 11P
   Low Voltage Octal Buffer/Line Driver
February 2008 Rev. 1.5.0
logo
Nexperia B.V. All right...
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
74LVT2244D NEXPERIA-74LVT2244D Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
More results

Similar Description - 74LVT2244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244_15 Datasheet
107Kb / 10P
   3.3V Octal buffer/line driver with 30W series termination resistors (3-State)
1998 Feb 19
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com