Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL594CDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL594CDR
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL594CDR Datasheet(HTML) 5 Page - Texas Instruments

  TL594CDR Datasheet HTML 1Page - Texas Instruments TL594CDR Datasheet HTML 2Page - Texas Instruments TL594CDR Datasheet HTML 3Page - Texas Instruments TL594CDR Datasheet HTML 4Page - Texas Instruments TL594CDR Datasheet HTML 5Page - Texas Instruments TL594CDR Datasheet HTML 6Page - Texas Instruments TL594CDR Datasheet HTML 7Page - Texas Instruments TL594CDR Datasheet HTML 8Page - Texas Instruments TL594CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TL594
PULSEWIDTHMODULATION CONTROL CIRCUIT
SLVS052F − APRIL 1988 − REVISED NOVEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, VCC = 15 V,
(unless otherwise noted)
reference section
PARAMETER
TEST CONDITIONS†
TL594C, TL594I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
Output voltage (REF)
IO = 1 mA,
TA = 25°C
4.95
5
5.05
V
Input regulation
VCC = 7 V to 40 V,
TA = 25°C
2
25
mV
Output regulation
IO = 1 to 10 mA,
TA = 25°C
14
35
mV
Output-voltage change with temperature
∆TA = MIN to MAX
2
10
mV/V
Short-circuit output current§
Vref = 0
10
35
50
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values, except for parameter changes with temperature, are at TA = 25°C.
§ Duration of the short circuit should not exceed one second.
amplifier section (see Figure 1)
PARAMETER
TEST CONDITIONS
TL594C, TL594I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Input offset voltage, error amplifier
FEEDBACK = 2.5 V
2
10
mV
Input offset current
FEEDBACK = 2.5 V
25
250
nA
Input bias current
FEEDBACK = 2.5 V
0.2
1
µA
Common-mode input voltage range,
error amplifier
VCC = 7 V to 40 V
0.3
to
VCC−2
V
Open-loop voltage amplification, error
amplifier
∆VO = 3 V,
RL = 2 kΩ,
VO = 0.5 V to 3.5 V
70
95
dB
Unity-gain bandwidth
VO = 0.5 V to 3.5 V,
RL = 2 kΩ
800
kHz
Common-mode rejection ratio, error
amplifier
VCC = 40 V,
TA = 25°C
65
80
dB
Output sink current, FEEDBACK
VID = −15 mV to −5 V,
FEEDBACK = 0.5 V
0.3
0.7
mA
Output source current, FEEDBACK
VID = 15 mV to 5 V,
FEEDBACK = 3.5 V
−2
mA
‡ All typical values, except for parameter changes with temperature, are at TA = 25°C.
oscillator section, CT = 0.01 µF, RT = 12 kΩ (see Figure 2)
PARAMETER
TEST CONDITIONS†
TL594C, TL594I
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
Frequency
10
kHz
Standard deviation of frequency¶
All values of VCC, CT, RT, and TA constant
100
Hz/kHz
Frequency change with voltage
VCC = 7 V to 40 V,
TA = 25°C
1
Hz/kHz
Frequency change with temperature#
∆TA = MIN to MAX
50
Hz/kHz
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values, except for parameter changes with temperature, are at TA = 25°C.
¶ Standard deviation is a measure of the statistical distribution about the mean, as derived from the formula:
s +
N
n
+1
(xn * X)
2
N
* 1
# Temperature coefficient of timing capacitor and timing resistor is not taken into account.


Similar Part No. - TL594CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594CDR TI-TL594CDR Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594CDR TI-TL594CDR Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594CDR2 ONSEMI-TL594CDR2 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594CDR2 ONSEMI-TL594CDR2 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594CDR2G ONSEMI-TL594CDR2G Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
More results

Similar Description - TL594CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5001 UTC-TL5001_15 Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com