Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHG5100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHG5100
Description  High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG5100 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHG5100 Datasheet HTML 1Page - Vishay Siliconix TLHG5100 Datasheet HTML 2Page - Vishay Siliconix TLHG5100 Datasheet HTML 3Page - Vishay Siliconix TLHG5100 Datasheet HTML 4Page - Vishay Siliconix TLHG5100 Datasheet HTML 5Page - Vishay Siliconix TLHG5100 Datasheet HTML 6Page - Vishay Siliconix TLHG5100 Datasheet HTML 7Page - Vishay Siliconix TLHG5100 Datasheet HTML 8Page - Vishay Siliconix TLHG5100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 83010
Rev. 1.9, 31-Aug-04
VISHAY
TLHE / G / K / P510.
Vishay Semiconductors
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLHK51..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Yellow
TLHE51..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/
ambient
RthJA
350
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 20 mA
TLHK5100
IV
320
mcd
Dominant wavelength
IF = 10 mA
λd
626
630
639
nm
Peak wavelength
IF = 10 mA
λp
643
nm
Angle of half intensity
IF = 10 mA
ϕ
± 9
deg
Forward voltage
IF = 20 mA
VF
1.9
2.6
V
Reverse voltage
IR = 10 µAVR
5V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 20 mA
TLHE5100
IV
750
mcd
Dominant wavelength
IF = 10 mA
λd
581
588
594
nm
Peak wavelength
IF = 10 mA
λp
590
nm
Angle of half intensity
IF = 10 mA
ϕ
± 9
deg
Forward voltage
IF = 20 mA
VF
22.6
V
Reverse voltage
IR = 10 µAVR
5V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
Parameter
Test condition
Symbol
Value
Unit


Similar Part No. - TLHG5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG520 VISHAY-TLHG520 Datasheet
190Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
Rev. 1.6, 03-Jun-09
TLHG520 VISHAY-TLHG520 Datasheet
198Kb / 9P
   High Efficiency LED, 횠 5 mm Tinted Non-Diffused Package
01-Jan-2022
TLHG5200 VISHAY-TLHG5200 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
TLHG5200 VISHAY-TLHG5200 Datasheet
190Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
Rev. 1.6, 03-Jun-09
TLHG5201 VISHAY-TLHG5201 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
More results

Similar Description - TLHG5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHE5800 VISHAY-TLHE5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK51 VISHAY-TLHK51 Datasheet
112Kb / 9P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A3, 04-Feb-99
TLHF5800 VISHAY-TLHF5800_V01 Datasheet
114Kb / 5P
   High Intensity LED, ??5 mm Untinted Non-Diffused
18-Jul-08
TLHK5800 VISHAY-TLHK5800_V02 Datasheet
109Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK510 VISHAY-TLHK510_V01 Datasheet
117Kb / 6P
   High Intensity LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLHE5800 VISHAY-TLHE5800_V02 Datasheet
447Kb / 4P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCR5200 VISHAY-TLCR5200 Datasheet
167Kb / 8P
   High Intensity LED, diameter 5 mm 30degree Untinted Non-Diffused
Rev. 5, 08-Apr-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com