Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHG5100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLHG5100
Description  High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG5100 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLHG5100 Datasheet HTML 1Page - Vishay Siliconix TLHG5100 Datasheet HTML 2Page - Vishay Siliconix TLHG5100 Datasheet HTML 3Page - Vishay Siliconix TLHG5100 Datasheet HTML 4Page - Vishay Siliconix TLHG5100 Datasheet HTML 5Page - Vishay Siliconix TLHG5100 Datasheet HTML 6Page - Vishay Siliconix TLHG5100 Datasheet HTML 7Page - Vishay Siliconix TLHG5100 Datasheet HTML 8Page - Vishay Siliconix TLHG5100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83010
Rev. 1.9, 31-Aug-04
VISHAY
TLHE / G / K / P510.
Vishay Semiconductors
Figure 3. Forward Current vs. Pulse Length
Figure 4. Relative Radiant Sensitivity vs. Angular Displacement
Figure 5. Forward Current vs. Forward Voltage
0.01
0.1
1
10
1
10
100
1000
10000
100
95 10025
0.02
0.05
0.1
0.2
1
0.5
Tamb
85
°C
t p/T = 0.01
tp – Pulse Length ( ms )
0.4
0.2
0
0.2
0.4
0.6
94 8351
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
1
10
100
1
1.5
2.0
2.5
3
VF - Forward Voltage(V)
95 10878r
Red
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
Figure 7. Specific Luminous Intensity vs. Forward Current
Figure 8. Relative Luminous Intensity vs. Forward Current
95 10880r
IF =10mA
Red
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0 1020 3040 5060 7080 90 100
Tamb - Ambient Temperature ( °C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
IF -Forward Current ( mA )
96 11589r
Red
0.01
0.1
1
10
1
10
100
IF - Forward Current ( mA )
96 11588r
Red


Similar Part No. - TLHG5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG520 VISHAY-TLHG520 Datasheet
190Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
Rev. 1.6, 03-Jun-09
TLHG520 VISHAY-TLHG520 Datasheet
198Kb / 9P
   High Efficiency LED, 횠 5 mm Tinted Non-Diffused Package
01-Jan-2022
TLHG5200 VISHAY-TLHG5200 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
TLHG5200 VISHAY-TLHG5200 Datasheet
190Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
Rev. 1.6, 03-Jun-09
TLHG5201 VISHAY-TLHG5201 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
More results

Similar Description - TLHG5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHE5800 VISHAY-TLHE5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK51 VISHAY-TLHK51 Datasheet
112Kb / 9P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A3, 04-Feb-99
TLHF5800 VISHAY-TLHF5800_V01 Datasheet
114Kb / 5P
   High Intensity LED, ??5 mm Untinted Non-Diffused
18-Jul-08
TLHK5800 VISHAY-TLHK5800_V02 Datasheet
109Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK510 VISHAY-TLHK510_V01 Datasheet
117Kb / 6P
   High Intensity LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLHE5800 VISHAY-TLHE5800_V02 Datasheet
447Kb / 4P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCR5200 VISHAY-TLCR5200 Datasheet
167Kb / 8P
   High Intensity LED, diameter 5 mm 30degree Untinted Non-Diffused
Rev. 5, 08-Apr-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com