Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK1-3V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # TK1-3V
Description  ULTRA LOW PROFILE 2 AMP. POLARIZED RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TK1-3V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  TK1-3V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TK1-3V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TK1-3V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TK1-3V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TK1-3V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TK
174
TYPES AND COIL DATA (at 20
°C 68°F)
1. Single side stable
2. 1 Coil latching
3. 2 Coil latching
Notes:
1. Specified value of the pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
2. Standard packing: Tube: 50 pcs.; Case; 1,000 pcs.
3. In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.
Part No.
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal
operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Standard PC
board terminal
Self-clinching
terminal
TK1-1.5 V
TK1-H-1.5 V
1.5
1.125
0.15
93.8
16
140
2.25
TK1-3 V
TK1-H-3 V
3
2.25
0.3
46.7
64.3
140
4.5
TK1-4.5 V
TK1-H-4.5 V
4.5
3.38
0.45
31.1
145
140
6.7
TK1-5 V
TK1-H-5 V
5
3.75
0.5
28.1
178
140
7.5
TK1-6 V
TK1-H-6 V
6
4.5
0.6
23.3
257
140
9
TK1-9 V
TK1-H-9 V
9
6.75
0.9
15.5
579
140
13.5
TK1-12 V
TK1-H-12 V
12
9
1.2
11.7
1,028
140
18
TK1-24 V
TK1-H-24 V
24
18
2.4
11.3
2,133
270
28.8
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
Reset voltage,
V DC (max.)
Nominal
operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Standard PC
board terminal
Self-clinching
terminal
TK1-L-1.5 V
TK1-L-H-1.5 V
1.5
1.125
1.125
66.7
22.5
100
2.25
TK1-L-3 V
TK1-L-H-3 V
3
2.25
2.25
33.3
90
100
4.5
TK1-L-4.5 V
TK1-L-H-4.5 V
4.5
3.38
3.38
22.2
202.5
100
6.7
TK1-L-5 V
TK1-L-H-5 V
5
3.75
3.75
20
250
100
7.5
TK1-L-6 V
TK1-L-H-6 V
6
4.5
4.5
16.7
360
100
9
TK1-L-9 V
TK1-L-H-9 V
9
6.75
6.75
11.1
810
100
13.5
TK1-L-12 V
TK1-L-H-12 V
12
9
9
8.3
1,440
100
18
TK1-L-24 V
TK1-L-H-24 V
24
18
18
6.3
3,840
150
28.8
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
Reset voltage,
V DC (max.)
Nominal
operating
current,
mA (
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power,
mW
Max.
allowable
voltage,
V DC
Standard PC
board terminal
Self-clinching
terminal
TK1-L2-1.5 V
TK1-L2-H-1.5 V
1.5
1.125
1.125
133.9
11.2
200
2.25
TK1-L2-3 V
TK1-L2-H-3 V
3
2.25
2.25
66.7
45
200
4.5
TK1-L2-4.5 V
TK1-L2-H-4.5 V
4.5
3.38
3.38
44.5
101.2
200
6.7
TK1-L2-5 V
TK1-L2-H-5 V
5
3.75
3.75
40
125
200
7.5
TK1-L2-6 V
TK1-L2-H-6 V
6
4.5
4.5
33.3
180
200
9
TK1-L2-9 V
TK1-L2-H-9 V
9
6.75
6.75
22.2
405
200
13.5
TK1-L2-12 V
TK1-L2-H-12 V
12
9
9
20.8
576
250
14.4
TK1-L2-24 V
TK1-L2-H-24 V
24
18
18
16.7
1,440
400
26.4
DIMENSIONS
mm inch
Standard PC board terminal
Self-clinching terminal
General tolerance:
±0.3 ±.012
10.6
3.75
9
3.5
0.25
2.54
7.62
0.5
0.25
4
.148
.354
.417
.138
.010
.100
2.54
.100
.300
.020
.010
.157
10.6
3.75
9
3.5
0.25
2.54
7.62
0.5
0.25
4
.148
.354
.417
.138
.010
.100
2.54
.100
.300
.020
.010
.157
PC board pattern (Copper-side view)
2.54
.100
2.54
.100
2.54
.100
6-1.0 dia. holes
6-.040 dia. holes
.300
+
+
+
+
+
+
7.62
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
• Single side stable
(Deenergized condition)
• 1-coil latching
(Reset condition)
• 2-coil latching
(Reset condition)
12
3
65
4
Direction indication*
+
Direction indication*
12
3
65
4
−+
12
3
65
4
Direction indication*
+−
+
*Orientation stripe located on top of relay.


Similar Part No. - TK1-3V

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TK1-001A-BDC MAGNETROL-TK1-001A-BDC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
TK1-001N-BRC MAGNETROL-TK1-001N-BRC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
TK1-001N-BRJ MAGNETROL-TK1-001N-BRJ Datasheet
133Kb / 4P
   Model TK1 Side-Mounted Float Level Switch
TK1-002N-BRJ MAGNETROL-TK1-002N-BRJ Datasheet
133Kb / 4P
   Model TK1 Side-Mounted Float Level Switch
More results

Similar Description - TK1-3V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
S-2L2-48V PANASONIC-S-2L2-48V Datasheet
477Kb / 5P
   4 AMP POLARIZED HIGH DENSITY RELAY
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
logo
Fujitsu Component Limit...
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
logo
ZETTLER Electronics
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ944 AZETTLER-AZ944 Datasheet
76Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com