Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK1-4.5V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # TK1-4.5V
Description  ULTRA LOW PROFILE 2 AMP. POLARIZED RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TK1-4.5V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  TK1-4.5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TK1-4.5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TK1-4.5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TK1-4.5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TK1-4.5V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TK
175
REFERENCE DATA
1. Maximum value of continuous carrying current
Test conditions:
Coil applied voltage: 110% of rated voltage
Continuous carrying current: 1,000 hours
2. Maximum switching capacity
3. Life curve
Ambient temperature,
°C
2
1
0
70
80
60
50
40
90
85
Switching voltage, V
200 300
100
30
50
20
DC load
0.2
0.3
0.4
0.5
1.0
2.0
3.0
Switching current, A
10
100
2
1
0
30 V DC resistive
4. Mechanical life
Tested sample: TK1-12V, 8 pcs.
Switching frequency: 30 Hz
5. Electrical life (DC load)
Tested sample: TK1-12V, 10 pcs.
Condition: 2 A 30 V DC resistive load, 20 cpm
Circuit
Change of pick-up and drop-out voltage
No. of operations,
×104
0
10
20
30
40
50
60
70
80
90
100
10
100
1,000
10,000
Drop-out voltage
Pick-up voltage
Max.
Min.
Max.
Min.
30 V DC
+
No. of operations,
×104
0
10
20
30
40
50
60
70
80
90
100
10
Pick-up voltage
Drop-out voltage
Max.
Min.
Max.
Min.
Change of contact resistance
6. Coil temperature rise
Tested sample: TK1-12V, 6 pcs.
Measured portion: Inside the coil
Carrying current: 0 A, 1 A, 2 A
Ambient temperature: 25
°C 77°F
Ambient temperature: 70
°C 158°F
No . of operations,
×104
Max.
Min.
10
0
10
20
30
40
50
60
70
80
90
100
x
-
0
10
20
30
40
50
60
80
90 100 110 120 130 140 150
Coil applied voltage, %V
0 A
1 A
2 A
x
-
0
10
20
30
40
50
60
80
90 100 110 120 130 140 150
Coil applied voltage, %V
0 A
1 A
2 A
7. Operate/release time characteristics
Tested sample: TK1-5 V, 50 pcs.
<With diode>
<Without diode>
8. Distribution of pick-up and drop-out voltage
Tested sample: TK1-5V, 50 pcs.
Min.
Max.
Max.
Min.
Coil applied voltage, %V
80
90
100
110
120
0
1
2
3
4
Operate time
Release time
Operate time
Release time
Min.
Coil applied voltage, %V
80
90
100
110
120
0
1
2
3
4
Max.
Max.
Min.
Min.
Operate time
Release time
Ratio agaenst the rated voltage, %V
0
10
20
30
10 20 30 40 50 60 70 80 90 100
Drop-out voltage
Pick-up voltage


Similar Part No. - TK1-4.5V

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TK1-001A-BDC MAGNETROL-TK1-001A-BDC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
TK1-001N-BRC MAGNETROL-TK1-001N-BRC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
TK1-001N-BRJ MAGNETROL-TK1-001N-BRJ Datasheet
133Kb / 4P
   Model TK1 Side-Mounted Float Level Switch
TK1-002N-BRJ MAGNETROL-TK1-002N-BRJ Datasheet
133Kb / 4P
   Model TK1 Side-Mounted Float Level Switch
More results

Similar Description - TK1-4.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
S-2L2-48V PANASONIC-S-2L2-48V Datasheet
477Kb / 5P
   4 AMP POLARIZED HIGH DENSITY RELAY
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
logo
Fujitsu Component Limit...
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
logo
ZETTLER Electronics
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ944 AZETTLER-AZ944 Datasheet
76Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com