Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT2245D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVT2245D
Description  3.3V Octal transceiver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2245D Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT2245D Datasheet HTML 1Page - NXP Semiconductors 74LVT2245D Datasheet HTML 2Page - NXP Semiconductors 74LVT2245D Datasheet HTML 3Page - NXP Semiconductors 74LVT2245D Datasheet HTML 4Page - NXP Semiconductors 74LVT2245D Datasheet HTML 5Page - NXP Semiconductors 74LVT2245D Datasheet HTML 6Page - NXP Semiconductors 74LVT2245D Datasheet HTML 7Page - NXP Semiconductors 74LVT2245D Datasheet HTML 8Page - NXP Semiconductors 74LVT2245D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVT2245
3.3V Octal transceiver with 30
termination resistors (3-State)
1998 Feb 19
5
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V +0.3V
VCC = 2.7V
UNIT
MIN
TYP
MAX
MAX
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
1
1.0
1.0
3.2
3.1
4.6
4.5
5.3
4.9
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.1
1.5
4.5
4.3
7.0
6.5
9.1
7.6
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
2
2.2
2.0
3.7
3.6
5.2
5.0
5.6
5.0
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
An or Bn
INPUT
VM
VM
Bn or An
OUTPUT
VM
VM
tPHL
tPLH
SA00192
Waveform 1. Input (An or Bn) to Output (Bn or An) Propagation
Delays
OE INPUT
tPZH
tPHZ
Bn or An
OUTPUT
VOH
An or Bn
OUTPUT
VOL
tPZL
tPLZ
3.0V
0V
VOL + 0.3V
VOH – 0.3V
2.7V
1.5V
1.5V
1.5V
1.5V
0V
SV00106
Waveform 2. 3-State Output Enable and Disable Times


Similar Part No. - 74LVT2245D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2245D NXP-74LVT2245D Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVT2245D NEXPERIA-74LVT2245D Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVT2245DB NXP-74LVT2245DB Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
More results

Similar Description - 74LVT2245D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
   Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74F2245 PHILIPS-74F2245 Datasheet
103Kb / 10P
   Octal transceiver with 30ohm equivalent output termination 3-State
1996 May 10
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com