Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT240D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVT240D
Description  ABT octal inverting buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT240D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVT240D Datasheet HTML 2Page - NXP Semiconductors 74LVT240D Datasheet HTML 3Page - NXP Semiconductors 74LVT240D Datasheet HTML 4Page - NXP Semiconductors 74LVT240D Datasheet HTML 5Page - NXP Semiconductors 74LVT240D Datasheet HTML 6Page - NXP Semiconductors 74LVT240D Datasheet HTML 7Page - NXP Semiconductors 74LVT240D Datasheet HTML 8Page - NXP Semiconductors 74LVT240D Datasheet HTML 9Page - NXP Semiconductors 74LVT240D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Product specification
74LVT240
3.3V Octal inverting buffer (3-State)
1998 Feb 19
9
TSSOP20:
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1


Similar Part No. - 74LVT240D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT240D NEXPERIA-74LVT240D Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
More results

Similar Description - 74LVT240D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT240 PHILIPS-74LVT240_15 Datasheet
95Kb / 10P
   ABT octal inverting buffer (3-State)
1998 Feb 19
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
   Inverting Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
   Inverting Octal 3-STATE Buffer
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com