Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145503 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC145503
Description  PCM CODEC-FILTER MONO- CIRCUIT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145503 Datasheet(HTML) 2 Page - Motorola, Inc

  MC145503 Datasheet HTML 1Page - Motorola, Inc MC145503 Datasheet HTML 2Page - Motorola, Inc MC145503 Datasheet HTML 3Page - Motorola, Inc MC145503 Datasheet HTML 4Page - Motorola, Inc MC145503 Datasheet HTML 5Page - Motorola, Inc MC145503 Datasheet HTML 6Page - Motorola, Inc MC145503 Datasheet HTML 7Page - Motorola, Inc MC145503 Datasheet HTML 8Page - Motorola, Inc MC145503 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MC145500
•MC145501•MC145502•MC145503•MC145505
MOTOROLA
2
MC145500/01/02/03/05 PCM CODEC–FILTER MONO–CIRCUIT BLOCK DIAGRAM
RCE
RDC
RECEIVE SHIFT
REGISTER
D/A
SHARED
DAC
÷ 1, 12, 16, 20
CCI PRESCALER
SEQUENCE
AND
CONTROL
TRANSMIT SHIFT
REGISTER
CCI
MSI
VLS
PDI
TDD
TDE
TDC
2.5 V
REF
RSI
CIRCUITRY
A/D
FREQUENCY
FREQUENCY
FREQUENCY
Controlled by VLS
Rx
≈ 100 kΩ (internal resistors)
VDD
VSS
RxO
RxG
RxO
VDD
VSS
VAG
Vref
RSI
TxI
– Tx
+ Tx
Rx
Rx
400
µA
RDD
+
+
+
1
NOTES:


Similar Part No. - MC145503

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145503DW LANSDALE-MC145503DW Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145503DW LANSDALE-MC145503DW Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
MC145503P LANSDALE-MC145503P Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145503P LANSDALE-MC145503P Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
More results

Similar Description - MC145503

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
logo
LANSDALE Semiconductor ...
ML145502 LANSDALE-ML145502 Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com