Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT244BDB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVT244BDB
Description  3.3V Octal buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT244BDB Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT244BDB Datasheet HTML 1Page - NXP Semiconductors 74LVT244BDB Datasheet HTML 2Page - NXP Semiconductors 74LVT244BDB Datasheet HTML 3Page - NXP Semiconductors 74LVT244BDB Datasheet HTML 4Page - NXP Semiconductors 74LVT244BDB Datasheet HTML 5Page - NXP Semiconductors 74LVT244BDB Datasheet HTML 6Page - NXP Semiconductors 74LVT244BDB Datasheet HTML 7Page - NXP Semiconductors 74LVT244BDB Datasheet HTML 8Page - NXP Semiconductors 74LVT244BDB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT244B
3.3V Octal buffer/line driver (3-State)
1998 Nov 12
4
LOGIC SYMBOL (IEEE/IEC)
1
2
18
4
16
6
14
8
12
19
11
9
13
7
15
5
17
3
EN
EN
SV00012
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
VI
DC input voltage3
–0.5 to +7.0
V
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +7.0
V
IOUT
DC output current
Output in Low state
128
mA
IOUT
DC out ut current
Output in High state
–64
mA
IIK
DC input diode current
VI < 0
–50
mA
IOK
DC output diode current
VO < 0
–50
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
32
mA
IOL
Low-level output current; current duty cycle
≤ 50%, f ≥ 1kHz
64
mA
∆t/∆v
Input transition rise or fall rate; outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C


Similar Part No. - 74LVT244BDB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT244BD NEXPERIA-74LVT244BD Datasheet
235Kb / 12P
   3.3 V octal buffer/line driver; 3-state
Rev. 6 - 12 August 2021
More results

Similar Description - 74LVT244BDB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT241 PHILIPS-74LVT241 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT244A PHILIPS-74LVT244A Datasheet
89Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVTH244A PHILIPS-74LVTH244A Datasheet
101Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Oct 02
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com