Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT273 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVT273
Description  3.3V Octal D flip-flop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT273 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVT273 Datasheet HTML 3Page - NXP Semiconductors 74LVT273 Datasheet HTML 4Page - NXP Semiconductors 74LVT273 Datasheet HTML 5Page - NXP Semiconductors 74LVT273 Datasheet HTML 6Page - NXP Semiconductors 74LVT273 Datasheet HTML 7Page - NXP Semiconductors 74LVT273 Datasheet HTML 8Page - NXP Semiconductors 74LVT273 Datasheet HTML 9Page - NXP Semiconductors 74LVT273 Datasheet HTML 10Page - NXP Semiconductors 74LVT273 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Philips Semiconductors
Product specification
74LVT273
3.3V Octal D flip-flop
yyyy mmm dd
11
Definitions
Short-form specification — The data in a short-form specification is extracted from a full data sheet with the same type number and title. For
detailed information see the relevant data sheet or data handbook.
Limiting values definition — Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one
or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or
at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended
periods may affect device reliability.
Application information — Applications that are described herein for any of these products are for illustrative purposes only. Philips
Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
Disclaimers
Life support — These products are not designed for use in life support appliances, devices or systems where malfunction of these products can
reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application.
Right to make changes — Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard
cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no
responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these
products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless
otherwise specified.
Philips Semiconductors
811 East Arques Avenue
P.O. Box 3409
Sunnyvale, California 94088–3409
Telephone 800-234-7381
© Copyright Philips Electronics North America Corporation 1998
All rights reserved. Printed in U.S.A.
print code
Date of release: 05-96
Document order number:
9397-750-03534
Philips
Semiconductors
Data sheet
status
Objective
specification
Preliminary
specification
Product
specification
Product
status
Development
Qualification
Production
Definition [1]
This data sheet contains the design target or goal specifications for product development.
Specification may change in any manner without notice.
This data sheet contains preliminary data, and supplementary data will be published at a later date.
Philips Semiconductors reserves the right to make chages at any time without notice in order to
improve design and supply the best possible product.
This data sheet contains final specifications. Philips Semiconductors reserves the right to make
changes at any time without notice in order to improve design and supply the best possible product.
Data sheet status
[1]
Please consult the most recently issued datasheet before initiating or completing a design.


Similar Part No. - 74LVT273

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT273 NXP-74LVT273 Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
74LVT273BQ NXP-74LVT273BQ Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
74LVT273D NXP-74LVT273D Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
74LVT273DB NXP-74LVT273DB Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
74LVT273PW NXP-74LVT273PW Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
More results

Similar Description - 74LVT273

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX374 PERICOM-PI74LCX374 Datasheet
162Kb / 6P
   Fast CMOS 3.3V Octal D Flip-Flop
PI74LPT374 PERICOM-PI74LPT374 Datasheet
411Kb / 6P
   Fast CMOS 3.3V Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74LVT574 PHILIPS-74LVT574 Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop 3-State
1998 Feb 19
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
   Octal D Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com