Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145483SD Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC145483SD
Description  3V 13-BIT LINEAR PCM CODEC-FILTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145483SD Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC145483SD Datasheet HTML 3Page - Motorola, Inc MC145483SD Datasheet HTML 4Page - Motorola, Inc MC145483SD Datasheet HTML 5Page - Motorola, Inc MC145483SD Datasheet HTML 6Page - Motorola, Inc MC145483SD Datasheet HTML 7Page - Motorola, Inc MC145483SD Datasheet HTML 8Page - Motorola, Inc MC145483SD Datasheet HTML 9Page - Motorola, Inc MC145483SD Datasheet HTML 10Page - Motorola, Inc MC145483SD Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MC145483
MOTOROLA
7
Figure 2a. Long Frame Sync (Transmit and Receive Have Individual Clocking)
Figure 2b. Short Frame Sync (Transmit and Receive Have Individual Clocking)
Figure 2c. Sign–Extended (BCLKR = 0)
Transmit and receive both use BCLKT, and the first four data bits are the sign bit.
FST may occur at a different time than FSR.
Figure 2d. Receive Gain Adjust (BCLKR = 1)
Transmit and receive both use BCLKT. FST may occur at a different time than FSR.
Bits 14, 15, and 16, clocked into DR, are used for attenuation control for the receive analog output.
DR
DR
DON’T CARE
8
DR
7
6
5
4
3
2
1
DR
DON’T CARE
DON’T CARE
8
7
6
5
4
3
2
1
13
7
6
5
4
3
2
1
DT
DT
BCLKT
FST (FSR)
SHORT OR
LONG FRAME
SYNC
DT
BCLKT (BCLKR)
FST (FSR)
DT
BCLKT (BCLKR)
FST (FSR)
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
7
6
5
4
3
2
1
16
14
13
12
11
10
9
8
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
910
11
12 13
8
910
11
12
13
8
9
10
11
12
13
9
10
11
12
15 16
13
8
7
6
5
4
3
2
1
12
11
10
9
BCLKT
FST (FSR)
SHORT OR
LONG FRAME
SYNC
Figure 2. Digital Timing Modes for the PCM Data Interface


Similar Part No. - MC145483SD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
More results

Similar Description - MC145483SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com