Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145480DW Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC145480DW
Description  5V PCM CODEC-FILTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145480DW Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC145480DW Datasheet HTML 5Page - Motorola, Inc MC145480DW Datasheet HTML 6Page - Motorola, Inc MC145480DW Datasheet HTML 7Page - Motorola, Inc MC145480DW Datasheet HTML 8Page - Motorola, Inc MC145480DW Datasheet HTML 9Page - Motorola, Inc MC145480DW Datasheet HTML 10Page - Motorola, Inc MC145480DW Datasheet HTML 11Page - Motorola, Inc MC145480DW Datasheet HTML 12Page - Motorola, Inc MC145480DW Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MC145480
MOTOROLA
9
PC BOARD MOUNTING
It is recommended that the device be soldered to the PC
board for optimum noise performance. If the device is to be
used in a socket, it should be placed in a low parasitic pin
inductance (generally, low–profile) socket.
POWER SUPPLY, GROUND, AND NOISE
CONSIDERATIONS
This device is intended to be used in switching applica-
tions which often require plugging the PC board into a rack
with power applied. This is known as ‘‘hot–rack insertion.’’ In
these applications care should be taken to limit the voltage
on any pin from going positive of the VDD pins, or negative of
the VSS pins. One method is to extend the ground and power
contacts of the PCB connector. The device has input protec-
tion on all pins and may source or sink a limited amount of
current without damage. Current limiting may be accom-
plished by series resistors between the signal pins and the
connector contacts.
The most important considerations for PCB layout deal
with noise. This includes noise on the power supply, noise
generated by the digital circuitry on the device, and cross
coupling digital or radio frequency signals into the audio sig-
nals of this device. The best way to prevent noise is to:
1. Keep digital signals as far away from audio signals as
possible.
2. Keep radio frequency signals as far away from the audio
signals as possible.
3. Use short, low inductance traces for the audio circuitry
to reduce inductive, capacitive, and radio frequency
noise sensitivities.
4. Use short, low inductance traces for digital and RF
circuitry to reduce inductive, capacitive, and radio
frequency radiated noise.
5. Bypass capacitors should be connected from the VDD
and VAG pins to VSS with minimal trace length. Ceramic
monolithic capacitors of about 0.1
µF are acceptable to
decouple the device from its own noise. The VDD
capacitor helps supply the instantaneous currents of the
digital circuitry in addition to decoupling the noise which
may be generated by other sections of the device or
other circuitry on the power supply. The VAG decoupling
capacitor helps to reduce the impedance of the VAG pin
to VSS at frequencies above the bandwidth of the VAG
generator, which reduces the susceptibility to RF noise.
6. Use a short, wide, low inductance trace to connect the
VSS ground pin to the power supply ground. The VSS pin
is the digital ground and the most negative power supply
pin for the analog circuitry. All analog signal processing
is referenced to the VAG pin, but because digital and RF
circuitry will probably be powered by this same ground,
care must be taken to minimize high frequency noise in
the VSS trace. Depending on the application, a double–
sided PCB with a VSS ground plane connecting all of the
digital and analog VSS pins together would be a good
grounding method. A multilayer PC board with a ground
plane connecting all of the digital and analog VSS pins
together would be the optimal ground configuration.
These methods will result in the lowest resistance and
the lowest inductance in the ground circuit. This is
important to reduce voltage spikes in the ground circuit
resulting from the high speed digital current spikes. The
magnitude of digitally induced voltage spikes may be
hundreds of times larger than the analog signal the
device is required to digitize.
7. Use a short, wide, low inductance trace to connect the
VDD power supply pin to the 5 V power supply.
Depending on the application, a double–sided PCB with
VDD bypass capacitors to the VSS ground plane, as
described above, may complete the low impedance
coupling for the power supply. For a multilayer PC board
with a power plane, connecting all of the VDD pins to the
power plane would be the optimal power distribution
method. The integrated circuit layout and packaging
considerations for the 5 V VDD power circuit are
essentially the same as for the VSS ground circuit.
8. The VAG pin is the reference for all analog signal
processing. In some applications the audio signal to be
digitized may be referenced to the VSS ground. To
reduce the susceptibility to noise at the input of the ADC
section, the three–terminal op amp may be used in a
differential to single–ended circuit to provide level
conversion from the VSS ground to the VAG ground with
noise cancellation. The op amp may be used for more
than 35 dB of gain in microphone interface circuits, which
will require a compact layout with minimum trace lengths
as well as isolation from noise sources. It is recom-
mended that the layout be as symmetrical as possible to
avoid any imbalances which would reduce the noise
cancelling benefits of this differential op amp circuit.
Refer to the application schematics for examples of this
circuitry.
If possible, reference audio signals to the VAG pin
instead of to the VSS pin. Handset receivers and tele-
phone line interface circuits using transformers may be
audio signal referenced completely to the VAG pin. Re-
fer to the application schematics for examples of this
circuitry. The VAG pin cannot be used for ESD or line
protection.
9. For applications using multiple MC145480 PCM Codec–
Filters, the VAG pins cannot be tied together. The VAG
pins are capable of sourcing and sinking current and will
each be driving the node, which will result in large
contention currents, crosstalk susceptibilities, and in-
creased noise.
10. The MC145480 is fabricated with advanced high–speed
CMOS technology that is capable of responding to noise
pulses on the clock pins of 1 ns or less. It should be noted
that noise pulses of such short duration may not be seen
with oscilloscopes that have less bandwidth than
600 MHz. The most often encountered sources of clock
noise spikes are inductive or capacitive coupling of
high–speed logic signals, and ground bounce. The best
solution for addressing clock spikes from coupling is to
separate the traces and use short low inductance PC
board traces. To address ground bounce problems, all
integrated circuits should have high frequency bypass
capacitors directly across their power supply pins, with
low inductance traces for ground and power supply. A
less than optimum solution may be to limit the bandwidth
of the trace by adding series resistance and/or capaci-
tance at the input pin.


Similar Part No. - MC145480DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
MC145481DW MOTOROLA-MC145481DW Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
MC145481SD MOTOROLA-MC145481SD Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145482DW MOTOROLA-MC145482DW Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
More results

Similar Description - MC145480DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com