Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145442P Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC145442P
Description  SINGLE-CHIP 300-BAUD MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145442P Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC145442P Datasheet HTML 4Page - Motorola, Inc MC145442P Datasheet HTML 5Page - Motorola, Inc MC145442P Datasheet HTML 6Page - Motorola, Inc MC145442P Datasheet HTML 7Page - Motorola, Inc MC145442P Datasheet HTML 8Page - Motorola, Inc MC145442P Datasheet HTML 9Page - Motorola, Inc MC145442P Datasheet HTML 10Page - Motorola, Inc MC145442P Datasheet HTML 11Page - Motorola, Inc MC145442P Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC145442
•MC145443
MOTOROLA
10
20
6
9
19
10
1
17
15
16
DTMF
INPUT
20 k
RTx
600
+
10
TIP
RING
*
0.1
µF
4
19
10
18
CDT
VAG
FB
Exl
RxA1
TxA
RxA2
DSI
TLA
VDD
MC145442/3
GND
CDA
MODE
LB
SQT
RxD
TxD
CD
Xin
Xout
8
7
12
3.58
MHz
11
15
13
8
2
3
7
6
8
7
9
2
4
+ 5 V
Rx3
Rx2
Tx1
Rx1
Tx2
GND
STBY
TxEN
DI1
DI2
DO1
VCC
MC145407
EIA–232–D
DB–25
CONNECTOR
0.1
µF
VDD
10
µF
0.1
µF
0.1
µF
CCDT
0.1
µF
CFB
RDSI
CDSI
RTLA
CCDA
0.1
µF
10 k
VDD
VSS
10 k
10 k
0.1
µF
0.1
µF
20
C1+
C1–
18
C1+
C1–
1
3
0.1
µF
17
MMBZ15VDLT1 X 3
* Line Protection Circuit
Figure 7. Typical MC145442/MC145443 Applications Circuit


Similar Part No. - MC145442P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442BDW MOTOROLA-MC145442BDW Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
MC145442BDW LANSDALE-MC145442BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145442BDW LANSDALE-MC145442BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
logo
Motorola, Inc
MC145442BP MOTOROLA-MC145442BP Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
More results

Similar Description - MC145442P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com