Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145436AP Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC145436AP
Description  LOW-POWER DUAL TONE MULTIPLE FREQUENCY RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145436AP Datasheet(HTML) 4 Page - Motorola, Inc

  MC145436AP Datasheet HTML 1Page - Motorola, Inc MC145436AP Datasheet HTML 2Page - Motorola, Inc MC145436AP Datasheet HTML 3Page - Motorola, Inc MC145436AP Datasheet HTML 4Page - Motorola, Inc MC145436AP Datasheet HTML 5Page - Motorola, Inc MC145436AP Datasheet HTML 6Page - Motorola, Inc MC145436AP Datasheet HTML 7Page - Motorola, Inc MC145436AP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC145436A
MOTOROLA
4
AC CHARACTERISTICS (VDD = 5.0 V ± 10%, TA = – 40 to + 85°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Tone On Time
For Detection
For Rejection
TONEon
40
20
ms
Pause Time
For Detection
For Rejection
TONEoff
40
20
ms
Detect Time
GT = 0
GT = 1
tdet
22
32
40
50
ms
Release Time
GT = 0
GT = 1
trel
28
18
40
30
ms
Data Setup Time
tsu
7
µs
Data Hold Time
th
4.2
4.6
5
ms
Pulse Width
GT
tw(GT)
18
µs
DV Reset Lag Time
tlag(DV)
5
ms
ENB High to Output DV*
tEHDV
120
500
ns
ENB Low to Output High–Z*
tELDZ
110
300
ns
* Data out: CL = 35 pF k RL = 500 Ω .
TIMING DIAGRAM
ANALOG INPUT
(Ain)
D1, D2
D4, D8
DV
ENB
GT
TONEon
TONE BURST 1
TONE BURST 2
tdet
trel
HIGH–Z
HIGH–Z
tsu
th
tELDZ
tEHDV
tELDZ
tlag(DV)
tw(GT)
TONEoff


Similar Part No. - MC145436AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC145436A NXP-MC145436A Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
More results

Similar Description - MC145436AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145436 MOTOROLA-MC145436 Datasheet
449Kb / 6P
   DUAL TONE MULTIPLE FREQUENCY RECEIVER
MC145740 MOTOROLA-MC145740 Datasheet
144Kb / 12P
   DUAL TONE MULTIPLE FREQUENCY LINE INTERFACE
logo
Nippon Precision Circui...
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
logo
Fujitsu Component Limit...
MB4507A FUJITSU-MB4507A Datasheet
312Kb / 11P
   DUAL TONE MULTI-FREQUENCY OSCILLATOR
logo
National Semiconductor ...
LMC567 NSC-LMC567 Datasheet
168Kb / 7P
   Low Power Tone Decoder
logo
Texas Instruments
LMC567 TI1-LMC567_15 Datasheet
404Kb / 14P
[Old version datasheet]   Low-Power Tone Decoder
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
logo
ams AG
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
   3D Low Frequency Wakeup Receiver
AS3932 AMSCO-AS3932 Datasheet
1Mb / 33P
   3D Low Frequency Wakeup Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com