Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145426 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC145426
Description  UNIVERSAL DIGITAL-LOOP TRANSCEIVER(UDLT)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145426 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC145426 Datasheet HTML 6Page - Motorola, Inc MC145426 Datasheet HTML 7Page - Motorola, Inc MC145426 Datasheet HTML 8Page - Motorola, Inc MC145426 Datasheet HTML 9Page - Motorola, Inc MC145426 Datasheet HTML 10Page - Motorola, Inc MC145426 Datasheet HTML 11Page - Motorola, Inc MC145426 Datasheet HTML 12Page - Motorola, Inc MC145426 Datasheet HTML 13Page - Motorola, Inc MC145426 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC145422
•MC145426
MOTOROLA
10
Rx
Receive Data
Voice data is clocked into the UDLT from this pin on the
falling edges of TDC/RDC under the control of RE1.
RE1
Receive Data Enable 1 Input
A rising edge on this pin will enable data on the Rx pin to
be loaded into the receive data register on the next eight fall-
ing edges of the data dock, TDC/RDC. RE1 and TDC/RDC
should be approximately leading–edge aligned.
LO1, LO2
Line Driver Outputs
These outputs drive the twisted pair line with 256 kHz
modified DPSK bursts each frame and are push–pull. These
pins are driven to Vref when not modulating the line.
MC145426 SLAVE UDLT PIN DESCRIPTIONS
VDD
Positive Supply
Normally 5 V.
VSS
Negative Supply
This pin is the most negative supply pin, normally 0 V.
Vref
Reference Output
This pin is the output of the internal reference supply and
should be bypassed to VDD and VSS by 0.1 µF capacitors.
No external dc load should be placed on this pin.
LI
Line Input
This input to the demodulator circuit has an internal
100 k
Ω resistor tied to the internal reference node (Vref) so
that an external capacitor and/or line transformer may be
used to couple the signal to this part with no dc offset.
LB
Loopback Control
When this pin is held low and PD is high (the UDLT is re-
ceiving transmissions from the master), the UDLT will use
the 8 bits of demodulated PCM data in place of the 8 bits of
Rx data in the return burst to the Master, thereby looping the
part back on itself for system testing. SI1 and SI2 operate
normally in this mode. CLK will be held low during loopback
operation.
VD
Valid Data Output
A high on this pin indicates that a valid line transmission has
been demodulated. A valid transmission is determined by
proper sync and the absence of detected bit errors.VD
changes state on the leading edge of TE1. If no transmissions
from the master have been received in the last 250
µs
(derived from the internal oscillator), VD will go low without
TE1 rising since TE1 is not generated in the absence of re-
ceived transmissions from the master (see TE pin descrip-
tion for the one exception to this).
SI1, SI2
Signaling Bit Inputs
Data on these pins is loaded on the rising edge of TE1 for
transmission to the master. If no transmissions from the
master are being received and PD is high, data on these pins
will be loaded into the part on an internal signal. Therefore,
data on these pins should be steady until synchronous
communication with the master has been established, as in-
dicated by the high on VD.
SO1, SO2
Signaling Bit Outputs
These outputs are received signaling bits from the master
UDLT and change state on the rising edge of TE1. These
outputs have standard B–series CMOS output drive capa-
bility.
PD
Power–Down Input/Output
This is a bidirectional pin with weak output drivers such
that it can be overdriven externally. When held low, the UDLT
is powered down and the only active circuitry is that which is
necessary for demodulation, TE1/RE1/CLK generation upon
demodulation, the outputting of data received from the mas-
ter, and updating of VD status. When held high, the UDLT is
powered up and transmits in response to transmissions from
the master. If no received bursts from the master have oc-
curred when powered up for 250
µs (derived from the internal
oscillator frequency), the UDLT will generate a free running
125
µs internal clock from the internal oscillator and will burst
a transmission to the master every other internal 125
µs
clock using data on the SI1 and SI2 pins and the last data
word loaded into the receive register. The weak output driv-
ers will try to force PD high when a transmission from the
master is demodulated and will try to force it low if 250
µs
have passed without a transmission from the master. This al-
lows the slave UDLT to self power–up and down in demand
powered loop systems.
TE
Tone Enable
A high on this pin generates a 500 Hz square wave PCM
tone and inserts it in place of the demodulated voice PCM
word from the master for outputting to the Tx pin to the telset
mono–circuit. A high on TE will generate TE1 and CLK from
the internal oscillator when the slave is not receiving bursts
from the master so that the PCM square wave can be loaded
into the codec–filter. This feature allows the user to provide
audio feedback for the telset keyboard depressions except
during loopback. During loopback of the slave UDLT, CLK is
defeated so a tone cannot be generated in this mode.
TE1
Transmit Data Enable 1 Output
This is a standard B–series CMOS output which goes
high after the completion of demodulation of an incoming
transmission from the master. It remains high for 8 CLK
periods and then low until the next burst from the master is
demodulated. While high, the voice data just demodulated is
output on the first eight rising edges of CLK at the Tx pin. The
signaling data just demodulated is output on SO1 and SO2
on TE1’s rising edge, as is VD.


Similar Part No. - MC145426

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145421 MOTOROLA-MC145421 Datasheet
271Kb / 16P
   ISDN Universal Digital Loop Transceivers II
MC145421DW MOTOROLA-MC145421DW Datasheet
271Kb / 16P
   ISDN Universal Digital Loop Transceivers II
MC145421P MOTOROLA-MC145421P Datasheet
271Kb / 16P
   ISDN Universal Digital Loop Transceivers II
logo
NXP Semiconductors
MC145423 NXP-MC145423 Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
logo
Freescale Semiconductor...
MC145423DT FREESCALE-MC145423DT Datasheet
4Mb / 30P
   Universal Digital Loop Transceiver (UDLT-3)
More results

Similar Description - MC145426

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145423E FREESCALE-MC145423E Datasheet
4Mb / 30P
   Universal Digital Loop Transceiver (UDLT-3)
logo
NXP Semiconductors
MC145423EVK NXP-MC145423EVK Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
logo
Motorola, Inc
MC145421 MOTOROLA-MC145421 Datasheet
271Kb / 16P
   ISDN Universal Digital Loop Transceivers II
logo
Renesas Technology Corp
HSP50210 RENESAS-HSP50210 Datasheet
1Mb / 51P
   Digital Costas Loop
logo
Intersil Corporation
HSP50210 INTERSIL-HSP50210 Datasheet
788Kb / 51P
   Digital Costas Loop
logo
Filtran LTD
TEW6102 FILTRAN-TEW6102 Datasheet
23Kb / 1P
   UDLT Input/Output Transformer
logo
Texas Instruments
CD74ACT297 TI-CD74ACT297 Datasheet
196Kb / 12P
[Old version datasheet]   DIGITAL PHASE-LOCKED LOOP
CD74ACT297 TI1-CD74ACT297_14 Datasheet
463Kb / 18P
[Old version datasheet]   DIGITAL PHASE-LOCKED LOOP
logo
Filtran LTD
6102-1 FILTRAN-6102-1 Datasheet
145Kb / 1P
   UDLT Input/Output Transformer
logo
Texas Instruments
SN54LS297 TI-SN54LS297_07 Datasheet
513Kb / 15P
[Old version datasheet]   DIGITAL PHASE-LOCKED-LOOP FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com