Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT2952PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVT2952PW
Description  3.3V LVT octal registered transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2952PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT2952PW Datasheet HTML 3Page - NXP Semiconductors 74LVT2952PW Datasheet HTML 4Page - NXP Semiconductors 74LVT2952PW Datasheet HTML 5Page - NXP Semiconductors 74LVT2952PW Datasheet HTML 6Page - NXP Semiconductors 74LVT2952PW Datasheet HTML 7Page - NXP Semiconductors 74LVT2952PW Datasheet HTML 8Page - NXP Semiconductors 74LVT2952PW Datasheet HTML 9Page - NXP Semiconductors 74LVT2952PW Datasheet HTML 10Page - NXP Semiconductors 74LVT2952PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LVT2952
3.3V Octal registered transceiver (3-State)
1998 Feb 19
7
OEAB,
OEBA
tPZH
tPHZ
0V
An, Bn
1.5V
1.5V
1.5V
2.7V
0V
SV00132
Waveform 3.
3-State Output Enable Time to High Level and
Output Disable Time from High Level
OEAB,
OEBA
tPZL
tPLZ
An, Bn
1.5V
1.5V
1.5V
0V
2.7V
3V
SV00133
Waveform 4.
3-State Output Enable Time to Low Level and
Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORMS
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
74LVT
PULSE
GENERATOR
VIN
D.U.T.
VOUT
CL
VCC
RL
Test Circuit for 3-State Outputs
6.0V
RT
RL
SV00092
Open
GND
SWITCH POSITION
TEST
SWITCH
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
6V
GND
Amplitude
Rep. Rate
tW
tR
tF
2.7V
v10MHz
500ns
v2.5ns v2.5ns


Similar Part No. - 74LVT2952PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT20 PHILIPS-74LVT20 Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20D PHILIPS-74LVT20D Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20DB PHILIPS-74LVT20DB Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20PW PHILIPS-74LVT20PW Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
74LVT20PWDH PHILIPS-74LVT20PWDH Datasheet
98Kb / 10P
   3.3V Dual 4-input NAND gate
1996 Aug 28
More results

Similar Description - 74LVT2952PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
74ABT2953 PHILIPS-74ABT2953 Datasheet
73Kb / 6P
   Octal registered transceiver, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC543A PHILIPS-74LVC543A Datasheet
104Kb / 12P
   Octal D-type registered transceiver 3-State
1998 Jul 31
logo
Texas Instruments
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
   Octal registered transceiver, non-inverting 3-State
1994 Dec 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com