Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS7107 Datasheet(PDF) 6 Page - Wing Shing Computer Components

Part # WS7107
Description  3 1/2 Digit LCD/LED Display A/D Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

WS7107 Datasheet(HTML) 6 Page - Wing Shing Computer Components

Back Button WS7107 Datasheet HTML 2Page - Wing Shing Computer Components WS7107 Datasheet HTML 3Page - Wing Shing Computer Components WS7107 Datasheet HTML 4Page - Wing Shing Computer Components WS7107 Datasheet HTML 5Page - Wing Shing Computer Components WS7107 Datasheet HTML 6Page - Wing Shing Computer Components WS7107 Datasheet HTML 7Page - Wing Shing Computer Components WS7107 Datasheet HTML 8Page - Wing Shing Computer Components WS7107 Datasheet HTML 9Page - Wing Shing Computer Components WS7107 Datasheet HTML 10Page - Wing Shing Computer Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Differential Reference
The reference voltage can be generated anywhere within the
power supply voltage of the converter. The main source of com-
mon mode error is a roll-over voltage caused by the reference
capacitor losing or gaining charge to stray capacity on its
nodes. If there is a large common mode voltage, the reference
capacitor can gain charge (increase voltage) when called up to
de-integrate a positive signal but lose charge (decrease volt-
age) when called up to de-integrate a negative input signal.
This difference in reference for positive or negative input voltage
will give a roll-over error. However, by selecting the reference
capacitor such that it is large enough in comparison to the stray
capacitance, this error can be held to less than 0.5 count worst
case. (See Component Value Selection.)
Analog COMMON
This pin is included primarily to set the common mode
voltage for battery operation
where the input signals are floating with respect to the power
supply. The COMMON pin sets a voltage that is approxi-
mately 2.8V more negative than the positive supply. This is
selected to give a minimum end-of-life battery voltage of
about 6V. However, analog COMMON has some of the
attributes of a reference voltage. When the total supply
voltage is large enough to cause the zener to regulate (>7V),
the COMMON voltage will have a low voltage coefficient
(0.001%/V),
low
output
impedance
(
≅15Ω), and a
temperature coefficient typically less than 80ppm/oC.
The limitations of the on chip reference should also be
recognized, however. With the
which results from the LED drivers can cause some
degradation in performance. Due to their higher thermal resis-
tance, plastic parts are poorer in this respect than ceramic.
The combination of reference Temperature Coefficient (TC),
internal chip dissipation, and package thermal resistance can
increase noise near full scale from 25
µVto80µVP-P. Also the
linearity in going from a high dissipation count such as 1000
(20 segments on) to a low dissipation count such as 1111(8
segments on) can suffer by a count or more. Devices with a
positive TC reference may require several counts to pull out of
an over-range condition. This is because over-range is a low
dissipation mode, with the three least significant digits
blanked. Similarly, units with a negative TC may cycle
between over-range and a non-over-range count as the die
alternately heats and cools. All these problems are of course
eliminated if an external reference is used.
7106, with its negligible dissipation, suffers from
none of these problems. In either case, an external
reference can easily be added, as shown in Figure 4.
Analog COMMON is also used as the input low return during
auto-zero and de-integrate. If IN LO is different from analog
COMMON, a common mode voltage exists in the system
and is taken care of by the excellent CMRR of the converter.
However, in some applications IN LO will be set at a fixed
known voltage (power supply common for instance). In this
application, analog COMMON should be tied to the same
point, thus removing the common mode voltage from the
converter. The same holds true for the reference voltage. If
reference can be conveniently tied to analog COMMON, it
should be since this removes the common mode voltage
from the reference system.
Within the lC, analog COMMON is tied to an N-Channel FET
that can sink approximately 30mA of current to hold the
voltage 2.8V below the positive supply (when a load is trying
to pull the common line positive). However, there is only
10
µA of source current, so COMMON may easily be tied to a
more negative voltage thus overriding the internal reference.
TEST
The TEST pin serves two functions. On the
coupled to the internally generated digital supply through a
500
Ω resistor. Thus it can be used as the negative supply for
externally generated segment drivers such as decimal points
or any other presentation the user may want to include on
the LCD display. Figures 5 and 6 show such an application.
No more than a 1mA load should be applied.
FIGURE 4A.
FIGURE 4B.
FIGURE 4. USING AN EXTERNAL REFERENCE
V
REF LO
REF HI
V+
V-
6.8V
ZENER
IZ
V
REF HI
REF LO
COMMON
V+
ICL8069
1.2V
REFERENCE
6.8k
20k
V+
BP
TEST
21
37
TO LCD
BACKPLANE
TO LCD
DECIMAL
POINT
1M
FIGURE 5. SIMPLE INVERTER FOR FIXED DECIMAL POINT
WS7106 / WS7107
(WS7106) or for any system
WS7107, the internal heating
The WS
WS7106
WS7106
WS7107
WS7106
WS7107
WS7106 it is
6


Similar Part No. - WS7107

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.0 ASM-SENSOR-WS7.0 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-1 ASM-SENSOR-WS7.0-10000-1 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-10 ASM-SENSOR-WS7.0-10000-10 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-5 ASM-SENSOR-WS7.0-10000-5 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-15000-1 ASM-SENSOR-WS7.0-15000-1 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
More results

Similar Description - WS7107

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
logo
Intersil Corporation
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
   3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
logo
Unisonic Technologies
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7240 UTC-M7240 Datasheet
211Kb / 7P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com