Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14562BCL Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC14562BCL
Description  128-BIT STATIC SHIFT REGISTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14562BCL Datasheet(HTML) 4 Page - Motorola, Inc

  MC14562BCL Datasheet HTML 1Page - Motorola, Inc MC14562BCL Datasheet HTML 2Page - Motorola, Inc MC14562BCL Datasheet HTML 3Page - Motorola, Inc MC14562BCL Datasheet HTML 4Page - Motorola, Inc MC14562BCL Datasheet HTML 5Page - Motorola, Inc MC14562BCL Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
MC14562B
4
TIMING DIAGRAM
PULSE 1
PIN
NO.’S
CLOCK 5
DATA IN 12
Q16 10
Q32 13
Q28 3
PULSE 16
PULSE 32
PULSE 128
AC TEST WAVEFORMS
NOTE: The remaining Data–Bit Outputs (Q32, Q48, Q64, Q80, Q96, Q112 and Q128) will occur at Clock Pulse 32, 48, 64, 80,
96, 112, 128 in the same relationship as Q16.
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
CLOCK
DATA IN
Q16
CLOCK
DATA IN
Q16
PULSE 1
PULSE 2
PULSE 16
PULSE 17
50%
50%
50%
90%
10%
50%
tWH
tWL
tr
tf
50%
50%
tsu(0)
th(0)
50%
90%
10%
tPHL
tTHL
PULSE 1
PULSE 2
PULSE 16
PULSE 17
50%
50%
50%
tWH
tWL
50%
50%
50%
tsu(1)
th(1)
50%
90%
10%
tTHL
tPLH


Similar Part No. - MC14562BCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14562BCP ONSEMI-MC14562BCP Datasheet
117Kb / 8P
   128-Bit Static Shift Register
March, 2000 ??Rev. 3
More results

Similar Description - MC14562BCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14562B ONSEMI-MC14562B Datasheet
117Kb / 8P
   128-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14562B HITACHI-HD14562B Datasheet
69Kb / 5P
   128-bit Static Shift Register
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
   8-bit static shift register
January 1995
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14006B HITACHI-HD14006B Datasheet
77Kb / 5P
   18-bit Static Shift Register
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
   8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
   8-bit static shift register
Rev. 04-10 November 2008
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
   8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com